Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1816AJS Datasheet(PDF) 43 Page - Analog Devices

Part # AD1816AJS
Description  SoundPort Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1816AJS Datasheet(HTML) 43 Page - Analog Devices

Back Button AD1816AJS Datasheet HTML 39Page - Analog Devices AD1816AJS Datasheet HTML 40Page - Analog Devices AD1816AJS Datasheet HTML 41Page - Analog Devices AD1816AJS Datasheet HTML 42Page - Analog Devices AD1816AJS Datasheet HTML 43Page - Analog Devices AD1816AJS Datasheet HTML 44Page - Analog Devices AD1816AJS Datasheet HTML 45Page - Analog Devices AD1816AJS Datasheet HTML 46Page - Analog Devices AD1816AJS Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
AD1816A
–43–
REV. A
AD1816A FLAG BYTES
The AD1816A has four flag bytes that are used as shown below:
(*) AD1816-compatible setting.
Byte 0
76543210
100
XTRA_HV
I
2S0_HV
SUPER_EN
XTRA_EN
MODEM_EN
MODEM_EN
Program to one to enable the modem logical device. This logical device has an I/O range and an IRQ.
The I/O range has the following requirements:
– Length of eight bytes
– Alignment of eight bytes
– 16-bit address decode
Program to zero to enable I
2S Port 1 (SUPER_EN and IRQ_EN must also be zero).
XTRA_EN
Program to one to enable the XTRA logical device. This logical device has an I/O range, an optional
IRQ, and an optional DMA. The I/O range has the following requirements:
– Length of 1 to 16 bytes, selectable by XTRASZ0[3:0]
– Alignment of 1 to 16 bytes, matches length
– 16-bit address decode
A second I/O range is available (see XTRA_CS). Program to zero to enable the DSP serial port (XTRA_HV
must also be zero).
SUPER_EN
Program to one to merge the XTRA and modem logical devices. If this bit is set to one, XTRA_EN and IRQ_EN
must be set to one and MODEM_EN must be set to zero. The combined device has up to two I/O ranges, two
IRQs and one DMA. The two I/O ranges are both taken from the XTRA device; the modem I/O range is disabled.
The first IRQ is the XTRA device IRQ, the second is the modem IRQ. Program to zero for distinct modem and
XTRA devices. (*)
I
2S0_HV
Program to one to enable hardware volume inputs on the I
2S port 0 pins.
XTRA_HV
Program to one to enable hardware volume inputs on the DSP serial port pins. Do not enable both XTRA_HV
and I
2S0_HV. Program to zero to enable the XTRA device DMA or the DSP serial port.
The three MSBs in the first byte of the AD1816A EEPROM are used to verify that the EEPROM data is valid. The bits are com-
pared to the values shown; if a mismatch is found, the EEPROM will be ignored. The internal ROM will be used to perform PnP
enumeration, and the MODEM and XTRA logical devices will not be available. Hardware volume will be enabled on the I
2S0
port. The SPORT is disabled.
Byte 1
76543210
RESERVED
0
0
RSTB_EN
IRQSEL3_9
IRQSEL12_13
IRQSEL12_13
Program to one to enable IRQ 13.
Program to zero to enable IRQ 12.
IRQ_EN must be one and MODEM_EN must be zero, or this bit has no effect.
IRQSEL3_9
Program to one to enable IRQ 9.
Program to zero to enable IRQ 3. (*)
MODEM_EN or IRQ_EN must be one, or this bit has no effect.
RSTB_EN
Program to one to enable an active-low RESET output on the XCTRLO pin.
Program to zero to enable XCTRL0/PCLKO. (*)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com