Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1816AJS Datasheet(PDF) 25 Page - Analog Devices

Part # AD1816AJS
Description  SoundPort Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1816AJS Datasheet(HTML) 25 Page - Analog Devices

Back Button AD1816AJS Datasheet HTML 21Page - Analog Devices AD1816AJS Datasheet HTML 22Page - Analog Devices AD1816AJS Datasheet HTML 23Page - Analog Devices AD1816AJS Datasheet HTML 24Page - Analog Devices AD1816AJS Datasheet HTML 25Page - Analog Devices AD1816AJS Datasheet HTML 26Page - Analog Devices AD1816AJS Datasheet HTML 27Page - Analog Devices AD1816AJS Datasheet HTML 28Page - Analog Devices AD1816AJS Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
AD1816A
–25–
REV. A
[Base+4]
PIO Debug
76543210
RES
PUR
COR
ORR[1:0]
ORL[1:0]
RESET = [0x00]
All bits in this register are sticky until any write that clears all bits to 0.
ORL/ORR (RO)
Overrange Left/Right detect. These bits record the largest output magnitude on the ADC right and left
[1:0]
channels and are cleared to 00 after any write to this register. The peak amplitude as recorded by these bits is
“sticky,” i.e., the largest output magnitude recorded by these bits will persist until these bits are explicitly
cleared. They are also cleared by powering down the chip.
ORL/ORR
Over/Under Range Detection
00
Less than –1 dB Underrange
01
Between –1 dB and 0 dB Underrange
10
Between 0 dB and 1 dB Overrange
11
Greater than 1 dB Overrange
COR
(RO)
Capture Over Run. The codec sets (1) this bit when capture data is not read within one sample period after the
capture FIFO fills. When COR is set, the FIFO is full and the codec discards any new data generated. The
codec clears this bit immediately after a 4 byte capture sample is read.
PUR
(RO)
Playback Under Run. The codec sets (1) this bit when playback data is not written within one sample period af-
ter the playback FIFO empties. The codec clears (0) this bit immediately after a 4 byte playback sample is writ-
ten. When PUR is set, the playback channel has “run out” of data and either plays back a midscale value or
repeats the last sample.
[Base+5]
PIO Status
76543210
PFH
PDR
PLR
PUL
CFH
CDR
CLR
CUL
RESET = [0x00]
CUL
(RO)
Capture Upper/Lower Sample. This bit indicates whether the PIO capture data ready is for the upper
or lower byte of the channel.
0
Lower byte ready
1
Upper byte ready or any 8-bit mode
CLR
(RO)
Capture Left/Right Sample. This bit indicates whether the PIO capture data waiting is for the left channel ADC
or the right channel ADC.
0
Right channel
1
Left channel or mono
CDR
(RO)
Capture Data Ready. The PIO Capture Data register contains data ready for reading by the host. This bit should be
used only when direct programmed I/O data transfers are desired (FIFO has at least 4 bytes before full).
0
ADC is stale. Do not reread the information
1
ADC data is fresh. Ready for next host data read
CFH
(RO)
Capture FIFO Half Full. (FIFO has at least 32 bytes before full.)
PUL
(RO)
Playback Upper/Lower Sample. This bit indicates whether the PIO playback data needed is for the upper or
lower byte of the channel.
0
Lower byte needed
1
Upper byte needed or any 8-bit mode
PLR
(RO)
Playback Left/Right Sample. This bit indicates whether the PIO playback data needed is or the left channel
DAC or the right channel DAC.
0
Right channel needed
1
Left channel or mono
PDR
(RO)
Playback Data Ready. The PIO Playback data register is ready for more data. This bit should only be used
when direct programmed I/O data transfers are desired (FIFO can take at least 4 bytes).
0
DAC data is still valid. Do not overwrite
1
DAC data is stale. Ready for next host data write value
PFH
(RO)
Playback FIFO Half Empty. FIFO can take at least 32 bytes, eight groups of 4 bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com