Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1816AJS Datasheet(PDF) 23 Page - Analog Devices

Part # AD1816AJS
Description  SoundPort Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1816AJS Datasheet(HTML) 23 Page - Analog Devices

Back Button AD1816AJS Datasheet HTML 19Page - Analog Devices AD1816AJS Datasheet HTML 20Page - Analog Devices AD1816AJS Datasheet HTML 21Page - Analog Devices AD1816AJS Datasheet HTML 22Page - Analog Devices AD1816AJS Datasheet HTML 23Page - Analog Devices AD1816AJS Datasheet HTML 24Page - Analog Devices AD1816AJS Datasheet HTML 25Page - Analog Devices AD1816AJS Datasheet HTML 26Page - Analog Devices AD1816AJS Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
AD1816A
–23–
REV. A
Table IV. Internal Logical Device Configuration
LDN
PnP Function
Description
0
I/O Port Address Descriptor (0x60-0x61)
The SoundBlaster Pro address range is from 0x100 to 0x3F0. The typi-
cal address is 0x220. The range is 16 bytes long and must be aligned to
a 16 byte memory boundary.
0
I/O Port Address Descriptor (0x62-0x63)
The AdLib address range is from 0x100 to 0x3F8. The typical address
is 0x388. The range is 4 bytes long and must be aligned to an 8 byte
memory boundary.
0
I/O Port Address Descriptor (0x64-0x65)
The Codec address range is from 0x100 to 0x3F8. The range is
16 bytes long and must be aligned to a 16 byte memory boundary.
0
Interrupt Request Level Select (0x70-0x71)
This IRQ is shared between the SB Pro device and the Codec. These
devices require one of the following IRQ channels: 5, 7, 9, 11, 12 or 15.
Typically, the IRQ is set to 5 or 7 for this device.
0
DMA Playback Channel Select (0x74)
This 8-bit channel is shared between the SB Pro device and the Codec
for playback. These devices require one of the following DMA chan-
nels: 0, 1, 3. Typically, DMA channel 1 is set.
0
DMA Capture Channel Select (0x75)
This the DMA channel used for capturing Codec data. The Codec op-
erates in single channel mode if a separate DMA channel for capture
and playback is not assigned. The following DMA channels may be
programmed: 0, 1, 3. DMA Channel 4 indicates single channel mode.
1
I/O Port Address Descriptor (0x60-0x61)
The MPU-401 compatible device address range is 0x100 to 0x3FE.
Typical configurations use 0x330. The range is 2 bytes long and must
be aligned to a 2 byte memory boundary.
1
Interrupt Request Level Select (0x70-0x71)
The MIDI device requires one of the following IRQ channels: 5, 7, 9,
11, 12 or 15.
2
I/O Port Address Descriptor (0x60-0x61)
The Game Port address range is from 0x100 to 0x3F8. The typical
address is 0x200. The range is 8 bytes long and must be aligned to an
8 byte memory boundary.
NOTE
DMA channel 4 indicates single-channel mode.
Sound System Direct Registers
The AD1816A has a set of 16 programmable Sound System Direct Registers and 36 Indirect Registers. This section describes all the
AD1816A registers and gives their address, name and initialization state/reset value. Following each register table is a list (in ascend-
ing order) of the full register name, its usage and its type: (RO) Read Only, (WO) Write Only, (STKY) Sticky, (RW) Read Write and
Reserved (res). Table V is a map of the AD1816A direct registers.
Table V. Sound System Direct Registers
Direct
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SSBASE + 0
CRDY
VBL
INADR[5:0]
SSBASE + 1
PI
CI
TI
VI
DI
RI
GI
SI
SSBASE + 2
Indirect SS Data [7:0]
SSBASE + 3
Indirect SS Data [15:8]
SSBASE + 4
RES
PUR
COR
ORR [1:0]
ORL [1:0]
SSBASE + 5
PFH
PDR
PLR
PUL
CFH
CDR
CLR
CUL
SSBASE + 6
PIO Playback/Capture [7:0]
SSBASE + 7
RESERVED
SSBASE + 8
TRD
DAZ
PFMT [1:0]
PC/L
PST
PIO
PEN
SSBASE + 9
RES
CFMT [1:0]
CC/L
CST
CIO
CEN
SSBASE + 10
RESERVED
SSBASE + 11
RESERVED
SSBASE + 12
JOYSTICK DATA [7:0]
SSBASE + 13
JRDY
JWRP
JSEL [1:0]
JMSK [3:0]
SSBASE + 14
JAXIS [7:0]
SSBASE + 15
JAXIS [15:8]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com