Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1816AJS Datasheet(PDF) 17 Page - Analog Devices

Part # AD1816AJS
Description  SoundPort Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1816AJS Datasheet(HTML) 17 Page - Analog Devices

Back Button AD1816AJS Datasheet HTML 13Page - Analog Devices AD1816AJS Datasheet HTML 14Page - Analog Devices AD1816AJS Datasheet HTML 15Page - Analog Devices AD1816AJS Datasheet HTML 16Page - Analog Devices AD1816AJS Datasheet HTML 17Page - Analog Devices AD1816AJS Datasheet HTML 18Page - Analog Devices AD1816AJS Datasheet HTML 19Page - Analog Devices AD1816AJS Datasheet HTML 20Page - Analog Devices AD1816AJS Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
AD1816A
–17–
REV. A
SERIAL INTERFACES
I
2S Serial Ports
The two I
2S serial ports on the AD1816A accept serial data in the following formats: Right-Justified, I2S-Justified and Left-Justified.
Figure 9 shows the right-justified mode. LRCLK is HI for the left channel and LO for the right channel. Data is valid on the rising
edge of the BCLK. The MSB is delayed 16-bit clock periods from an LRCLK transition, so that when there are 64 BCLK periods
per LRCLK period, the LSB of the data will be right-justified to the next LRCLK transition.
14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
15
LRCLK
BCLK
SDATA
15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
LEFT CHANNEL
RIGHT CHANNEL
Figure 9. Serial Interface Right-Justified Mode
Figure 10 shows the I
2S-justified mode. LRCLK is LO for the left channel and HI for the right channel. Data is valid on the rising
edge of BCLK. The MSB is left-justified to an LRCLK transition, but with a single BCLK period delay.
LRCLK
BCLK
SDATA
15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
LEFT CHANNEL
RIGHT CHANNEL
14 13 12 11 10 9
8
7
6
5432
10
15
Figure 10. Serial Interface I2S-Justified Mode
Figure 11 shows the left-justified mode. LRCLK is HI for the left channel and LO for the right channel. Data is valid on the rising
edge of BCLK. The MSB is left-justified to an LRCLK transition, with no MSB delay.
LRCLK
BCLK
SDATA
15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
LEFT CHANNEL
RIGHT CHANNEL
14 13 12 11 10 987
6
54321
0
15
Figure 11. Serial Interface Left-Justified Mode
Bidirectional DSP Serial Interface
The AD1816A SoundPort Controller transmits and receives both data and control/status information through its DSP serial interface
port (SPORT). The AD1816A is always the bus master and supplies the frame sync and the serial clock. The AD1816A has four
pins assigned to the SPORT: SDI, SDO, SDFS and SCLK. The SPORT has two operating modes: monitor and intercept. The
SPORT always monitors the various data streams being processed by the AD1816A. In intercept mode, any of the digital data
streams can be manipulated by the DSP before reaching the final ADC or DAC stages.
The SDI and SDO pins handle the serial data input and output of the AD1816A. Communication in and out of the AD1816A requires
that bits of data be transmitted after a rising edge of SCLK and sampled on the falling edge of SCLK. The SCLK frequency is
always 11 MHz (or 1/3 or XTALI).
DSP Serial Port Interface time slots are mapped as shown in Table I.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com