Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1816AJS Datasheet(PDF) 13 Page - Analog Devices

Part # AD1816AJS
Description  SoundPort Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1816AJS Datasheet(HTML) 13 Page - Analog Devices

Back Button AD1816AJS Datasheet HTML 9Page - Analog Devices AD1816AJS Datasheet HTML 10Page - Analog Devices AD1816AJS Datasheet HTML 11Page - Analog Devices AD1816AJS Datasheet HTML 12Page - Analog Devices AD1816AJS Datasheet HTML 13Page - Analog Devices AD1816AJS Datasheet HTML 14Page - Analog Devices AD1816AJS Datasheet HTML 15Page - Analog Devices AD1816AJS Datasheet HTML 16Page - Analog Devices AD1816AJS Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
AD1816A
–13–
REV. A
Muxed Serial Ports (8 mA Drivers)
Pin Name
PQFP
TQFP
I/O
Description
I
2S(0)_BCLK*
3
1
I
I
2S (0) Bit Clock.
I2S(0)_LRCLK*
2
100
I
I2S (0) Left/Right Clock.
I
2S(0)_DATA*
1
99
I
I
2S (0) Serial Data Input.
I
2S(1)_BCLK*
82
80
I
I
2S (1) Bit Clock.
I2S(1)_LRCLK*
83
81
I
I2S (1) Left/Right Clock.
I
2S(1)_DATA*
81
79
I
I
2S (1) Serial Data Input.
SPORT_SDI*
100
98
I
Serial Port Digital Serial Input.
SPORT_SCLK*
97
95
O
Serial Port Serial Clock.
SPORT_SDFS*
98
96
O
Serial Port Serial Data Frame Synchronization.
SPORT_SDO*
99
97
O
Serial Port Serial Data Output.
Miscellaneous Analog Pins
Pin Name
PQFP
TQFP
I/O
Description
VREF_X
36
34
O
Voltage Reference. Nominal 2.25 volt reference available for dc-coupling
and level-shifting. VREF_X should not be used to sink or source signal current.
VREF_X should be bypassed with 10 µF and 0.1 µF parallel capacitors.
VREF
35
33
I
Voltage Reference Filter. Voltage reference filter point for external bypassing
only. VREF should be bypassed with 10
µF and 0.1 µF parallel capacitors.
L_FILT
38
36
I
Left Channel Filter. Requires a 1.0
µF to analog ground for proper
operation.
R_FILT
37
35
I
Right Channel Filter. Requires a 1.0
µF to analog ground for proper
operation.
L_AAFILT
40
38
I
Left Channel Antialias Filter. This pin requires a 560 pF NPO
capacitor to analog ground for proper operation.
R_AAFILT
39
37
I
Right Channel Antialias Filter. This pin requires a 560 pF NPO
capacitor to analog ground for proper operation.
Crystal Pin
Pin Name
PQFP
TQFP
I/O
Description
XTALO
64
62
O
33 MHz Crystal Output. If no Crystal is present leave XTALO
unconnected.
XTALI
63
61
I
33 MHz Clock. When using a crystal as a clock source, the crystal should
be connected between the XTALI and XTALO pins. Clock input may
be driven into XTALI in place of a crystal. When using an external clock,
VIH must be 2.4 V rather than the VIH of 2.0 V specified for all other
digital inputs.
External Logical Devices
Pin Name
PQFP
TQFP
I/O
Description
LD_IRQ*
100
98
I
Logical Device IRQ.
LD_DACK*
99
97
O
Logical Device DACK.
LD_DRQ*
98
96
I
Logical Device DRQ.
LD_SEL*
97
95
O
Logical Device Select.
MDM_SEL*
83
81
O
Modem Chip Set Select.
MDM_IRQ*
82
82
I
Modem Chip Set IRQ.
LD_SEL1*
69
67
O
Logical Device (1) Select.
PNPRST*
68
66
O
Plug and Play Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com