Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1816AJS Datasheet(PDF) 31 Page - Analog Devices

Part # AD1816AJS
Description  SoundPort Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1816AJS Datasheet(HTML) 31 Page - Analog Devices

Back Button AD1816AJS Datasheet HTML 27Page - Analog Devices AD1816AJS Datasheet HTML 28Page - Analog Devices AD1816AJS Datasheet HTML 29Page - Analog Devices AD1816AJS Datasheet HTML 30Page - Analog Devices AD1816AJS Datasheet HTML 31Page - Analog Devices AD1816AJS Datasheet HTML 32Page - Analog Devices AD1816AJS Datasheet HTML 33Page - Analog Devices AD1816AJS Datasheet HTML 34Page - Analog Devices AD1816AJS Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
AD1816A
–31–
REV. A
Table VIII. Sound System Indirect Registers
(High Byte)
(Low Byte)
ADDRESS
7654321076543210
00 (0x00)
RES
LBTD [7:0]
01 (0x01)
PIE
CIE
TIE
VIE
DIE
RIE
JIE
SIE
TE
XC1
XC0
02 (0x02)
VPSR [15.8]
VPSR [7:0]
03 (0x03)
VCSR [15:8]
VCSR [7:0]
04 (0x04)
LVM
RES
LVA [5:0]
RVM
RES
RVA [5:0]
05 (0x05)
LFMM
RES
LFMA [5:0]
RFMM
RES
RFMA [5:0]
06 (0x06)
LS1M
RES
LS1A [5:0]
RS1M
RES
RS1A [5:0]
07 (0x07)
LS0M
RES
LS0A [5:0]
RS0M
RES
RS0A [5:0]
08 (0x08)
PBC [15:8]
PBC [7:0]
09 (0x09)
PCC [15:8]
PCC [7:0]
10 (0x0A)
CBC [15:8]
CBC [7:0]
11 (0x0B)
CCC [15:8]
CCC [7:0]
12 (0x0C)
TBC [15:8]
TBC [7:0]
13 (0x0D)
TCC [15:8]
TCC [7:0]
14 (0x0E)
LMVM
RES
LMVA [4:0]
RMVM
RES
RMVA [4:0]
15 (0x0F)
LCDM
RES
LCDA [4:0]
RCDM
RES
RCDA [4:0]
16 (0x10)
LSYM
RES
LSYA [4:0]
RSYM
RES
RSYA [4:0]
17 (0x11)
LVDM
RES
LVDA [4:0]
RVDM
RES
RVDA [4:0]
18 (0x12)
LLM
RES
LLA [4:0]
RLM
RES
RLA [4:0]
19 (0x13)
MCM
M20
RES
MCA [4:0]
PIM
RES
PIA [3:0]
RES
20 (0x14)
LAGC
LAS [2:0]
LAG [3:0]
RAGC
RAS [2:0]
RAG [3:0]
32 (0x20)
WSE
CDE
RES
CNP
RES
COF [3:0]
I2SF1 [1:0]
I2SF0 [1:0]
33 (0x21)
DS1
DS0
DIT
RES
ADR
I1T
I0T
CPI
PBI
FMI
I1I
I01
DFS [2:0]
34 (0x22)
FSMR [15:8]
FMSR [7:0]
35 (0x23)
S1SR [15:8]
S1SR [7:0]
36 (0x24)
S0SR [15:8]
S0SR [7:0]
37 (0x25)
RES
RES
38 (0x26)
PCR [15:8]
PCR [7:0]
39 (0x27)
3DDM
RES
3DD [3:0]
RES
POM
RES
POA [4:0]
40 (0x28)
RES
RES
41 (0x29 )
RES
VMU
VUP
VDN
BM [4:0]
42 (0x2A)
MB0R [15:8]
MB0R [7:0]
43 (0x2B)
MB1R [15:8]
MB1R [7:0]
44 (0x2C)
CPD
RES
PIW
PIR
PAA
PDA
PDP
PTB
3D
PD3D
GPSP
RES
DM
RES
45 (0x2D)
VER [15:8]
VER [7:0]
46 (0x2E)
RES
RES
[00] INDIRECT LOW BYTE TMP
DEFAULT = [0xXX]
7654321076543210
RES
LBTD [7:0]
LBTD [7:0] Low Byte Temporary Data holding latch for register pair writes;
Written on any write to [SSBase + 2],
Read from [SSBase + 2] when the indirect address is 0x00.
[01] INTERRUPT ENABLE AND EXTERNAL CONTROL
DEFAULT = [0x0102]
7654321076
543210
PIE
CIE
TIE
VIE
DIE
RIE
JIE
SIE
TE
RES
XC1
XC0
XC0
RW
External Control 0. The state of this bit is reflected on the XCTL0 pin. This pin is also muxed with
PCLKO. COF must be greater than 0x1011 for PCLKO to be disabled, see SS [32].
XC1
RW
External Control 1. The state of this bit is reflected on the XCTL1 pin. XCTL1 may also be used for
Ring-In Interrupt. Open drain output, contains internal pull-up ~ 0.5 mA.
TE
RW
Timer Enable Bit.
SIE
RW
SoundBlaster Interrupt Enable; This bit must be set to enable Current Count Timer.
0
SoundBlaster Interrupt disabled
1
SoundBlaster Interrupt enabled
JIE
RW
Joystick Interrupt Enable;
0
Joystick Interrupt disabled
1
Joystick Interrupt enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com