Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1816AJS Datasheet(PDF) 50 Page - Analog Devices

Part # AD1816AJS
Description  SoundPort Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1816AJS Datasheet(HTML) 50 Page - Analog Devices

Back Button AD1816AJS Datasheet HTML 44Page - Analog Devices AD1816AJS Datasheet HTML 45Page - Analog Devices AD1816AJS Datasheet HTML 46Page - Analog Devices AD1816AJS Datasheet HTML 47Page - Analog Devices AD1816AJS Datasheet HTML 48Page - Analog Devices AD1816AJS Datasheet HTML 49Page - Analog Devices AD1816AJS Datasheet HTML 50Page - Analog Devices AD1816AJS Datasheet HTML 51Page - Analog Devices AD1816AJS Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 50 / 52 page
background image
AD1816A
–50–
REV. A
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
100-Lead Plastic Quad Flatpack
(S-100)
81
100
1
50
80
31
30
51
TOP VIEW
(PINS DOWN)
PIN 1
0.015 (0.35)
0.009 (0.25)
0.923 (23.45)
0.903 (22.95)
0.742 (18.85) TYP
0.791 (20.10)
0.783 (19.90)
0.029 (0.73)
0.023 (0.57)
SEATING
PLANE
0.096
(2.45)
MAX
0.037 (0.95)
0.026 (0.65)
0.004 (0.10)
MAX
0.010 (0.25)
MIN
0.083 (2.10)
0.075 (1.90)
100-Lead Thin Quad Flatpack
(ST-100)
SEATING
PLANE
0.026 (0.65)
0.014 (0.35)
0.061 (1.55)
0.049 (1.25)
12
°
TYP
0.007 (0.177)
0.003 (0.077)
6
° ± 4°
0
° – 10°
0.004
(0.102)
MAX LEAD
COPLANARITY
TOP VIEW
(PINS DOWN)
1
25
26
51
50
75
100
76
0.012 (0.20)
0.004 (0.10)
0.640 (16.25)
0.620 (15.75)
SQ
0.555 (14.10)
0.547 (13.90)
SQ
0.020 (0.50)
BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com