Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1816AJS Datasheet(PDF) 24 Page - Analog Devices

Part # AD1816AJS
Description  SoundPort Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1816AJS Datasheet(HTML) 24 Page - Analog Devices

Back Button AD1816AJS Datasheet HTML 20Page - Analog Devices AD1816AJS Datasheet HTML 21Page - Analog Devices AD1816AJS Datasheet HTML 22Page - Analog Devices AD1816AJS Datasheet HTML 23Page - Analog Devices AD1816AJS Datasheet HTML 24Page - Analog Devices AD1816AJS Datasheet HTML 25Page - Analog Devices AD1816AJS Datasheet HTML 26Page - Analog Devices AD1816AJS Datasheet HTML 27Page - Analog Devices AD1816AJS Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
AD1816A
–24–
REV. A
[Base+0]
Chip Status/Indirect Address
76543210
CRDY
VBL
INADR[5:0]
RESET = [0x00]
INADR [5:0] (RW) Indirect Address for Sound System (SS). These bits are used to access the Indirect Registers shown in Table VIII.
All registers data must be written in pairs, low byte followed by high byte, by loading the Indirect SS Data
Registers, (Base +2) and (Base +3).
VBL
Volume Button Location. When using an EEPROM to configure the PnP state of the AD1816A, this bit determines
whether PQFP Pins 1 and 2 (TQFP Pins 99 and 100) are used for
VOL_UP and VOL_DN or I
2S0_DATA and
I
2S0_LRCLK respectively.
0I2S0_DATA and I2S0_LRCLK
1
VOL_UP and VOL_DN
CRDY
(RO) AD1816A Ready. The AD1816A asserts this bit when AD1816A can accept data.
0
AD1816A not ready
1
AD1816A ready
[Base+1]
Interrupt Status
76543210
PI
CI
TI
VI
DI
RI
GI
SI
RESET = [0x00]
SI
(RO) SoundBlaster generated Interrupt.
0
No interrupt
1
SoundBlaster interrupt pending
GI
(RW) Game Interrupt (Sticky, Write “0” to Clear).
0
No interrupt
1
An interrupt is pending due to Digital Game Port data ready
RI
(RW) Ring Interrupt (Sticky, Write “0” to Clear).
0
No interrupt
1
An interrupt is pending due to a Hardware Ring pin being asserted
DI
(RW) DSP Interrupt (Sticky, Write “0” to Clear).
0
No interrupt
1
An interrupt is pending due to a write to the DIT bit in indirect register [33] bit <13>
VI
(RW) Volume Interrupt (Sticky, Write “0” to Clear).
0
No interrupt
1
An interrupt is pending due to Hardware Volume Button being pressed
TI
(RW) Timer Interrupt. This bit indicates there is an interrupt pending from the timer count registers. (Sticky,
Write “0” to Clear).
0
No interrupt
1
Interrupt is pending from the timer count register
CI
(RW) Capture Interrupt. This bit indicates that there is an interrupt pending from the capture DMA count register.
(Sticky, Write “0” to Clear).
0
No interrupt
1
Interrupt is pending from the capture DMA count register
PI
(RW) Playback Interrupt. This bit indicates that there is an interrupt pending from the playback DMA count
register. (Sticky, Write “0” to Clear).
0
No interrupt
1
Interrupt is pending from the playback DMA count register
[Base+2]
Indirect SS Data Low Byte
76543210
Indirect SS Data [7:0]
RESET = [0xXX]
[Base+3]
Indirect SS Data High Byte
76543210
Indirect SS Data [15:8]
RESET = [0xXX]
Indirect SS
Indirect Sound System Data. Data in this register is written to the Sound System Indirect Register specified by the
Data [15:0]
address contained in INDAR [5:0], Sound System Direct Register [Base +0]. Data is written when the Indirect SS
Data High Byte value is loaded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com