Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1816AJS Datasheet(PDF) 39 Page - Analog Devices

Part # AD1816AJS
Description  SoundPort Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1816AJS Datasheet(HTML) 39 Page - Analog Devices

Back Button AD1816AJS Datasheet HTML 35Page - Analog Devices AD1816AJS Datasheet HTML 36Page - Analog Devices AD1816AJS Datasheet HTML 37Page - Analog Devices AD1816AJS Datasheet HTML 38Page - Analog Devices AD1816AJS Datasheet HTML 39Page - Analog Devices AD1816AJS Datasheet HTML 40Page - Analog Devices AD1816AJS Datasheet HTML 41Page - Analog Devices AD1816AJS Datasheet HTML 42Page - Analog Devices AD1816AJS Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
AD1816A
–39–
REV. A
Table X. AdLib ISA Bus Registers
Register Name
ISA Bus Address
Music0: Address (w), Status (r)
(AdLib Base) Relocatable in range 0x100 – 0x3F8
Music0: Data (w)
(AdLib Base+1)
Music1: Address (w)
(AdLib Base+2)
Music1: Data (w)
(AdLib Base+3)
MPU-401 Registers
The AD1816A contains a set of ISA Bus registers (ports) that correspond to those used by the ISA bus MIDI audio interface cards.
Table XI lists the ISA Bus MIDI registers. These registers support commands and data transfers described in MIDI 1.0 Detailed
Specification and Standard MIDI Files 1.0, © 1994, MIDI Manufacturers Association, PO Box 3173 La Habra, CA 90632-3173.
Table XI. MPU-401 ISA Bus Registers
Register Name
Address
MIDI Data (r/w)
(MIDI Base) Relocatable in range 0x100 to 0x3FE
MIDI Status (r), Command (w)
(MIDI Base+1)
0x(MIDI Base+1)
BIT
76543210
STATE
10000000
NAME
DRR
DSR
RESERVED
DSR (R)
Data Send Ready. When read, this bit indicates that you can (0) or cannot (1) write to the
MIDI Data register. (Full = 1, Empty = 0)
DRR (R)
Data Receive Ready. When read, this bit indicates that you can (0) or cannot (1) read from the
MIDI Data register. (Unreadable = 1, Readable = 0)
CMD [7:0] (W)
MIDI Command. Write MPU-401 commands to bits [7:0] of this register.
NOTES
The AD1816A supports only the MPU-401 0xFF (reset) and 0x3F (UART) commands. The controller powers setup for Smart
mode, but must be put in pass-through mode. To start MIDI operations, send a reset command (0xFF) and then send a UART
mode command (0x3F). The MPU-401 data register contains an acknowledge byte (0xFE) after each command transfer unless it is
in UART mode..
All commands return an ACK byte in “smart” mode.
Status commands (0xAx) return ACK and a data byte; all other commands return ACK.
All commands except reset (0xFF) are ignored in UART mode. No ACK bytes are returned.
“Smart” mode data transfers are not supported.
Game Port Registers
The AD1816A contains a Game Port ISA Bus Register that is compatible with the IBM joystick standard.
Table XII. Game Port ISA Bus Registers
Register Name
Address
Game Port I/O
(Game Port Base+0 to Game Port Base+7)
Relocatable in the range 0x100 to 0x3F8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com