Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1816AJS Datasheet(PDF) 12 Page - Analog Devices

Part # AD1816AJS
Description  SoundPort Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1816AJS Datasheet(HTML) 12 Page - Analog Devices

Back Button AD1816AJS Datasheet HTML 8Page - Analog Devices AD1816AJS Datasheet HTML 9Page - Analog Devices AD1816AJS Datasheet HTML 10Page - Analog Devices AD1816AJS Datasheet HTML 11Page - Analog Devices AD1816AJS Datasheet HTML 12Page - Analog Devices AD1816AJS Datasheet HTML 13Page - Analog Devices AD1816AJS Datasheet HTML 14Page - Analog Devices AD1816AJS Datasheet HTML 15Page - Analog Devices AD1816AJS Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
AD1816A
–12–
REV. A
Parallel Interface (All Outputs are 24 mA Drivers)
Pin Name
PQFP
TQFP
I/O
Description
PC_D[7:0]
85–88, 91–94
83–86, 89–92
I/O
Bidirectional ISA Bus PC Data, 24 mA drive. Connects the AD1816A to
the low byte data on the bus.
IRQ (x)*
75–81, 83
73–79, 81
O
Host Interrupt Request, 24 mA drive. IRQ (3)/IRQ (9), IRQ (5), IRQ (7),
IRQ (9)/IRQ (14), IRQ (10)/IRQ (4), IRQ (11)/IRQ (9)/IRQ (4), IRQ (12)/
IRQ (13), IRQ (15)/IRQ (11). Active HI signals indicating a pending interrupt.
DRQ (x)
72–74
70–72
O
DMA Request, 24 mA drive. DRQ (0), DRQ (1), DRQ (3). Active HI sig-
nals indicating a request for DMA bus operation.
PC_A[15:0]
4–19
2–17
I
ISA Bus PC Address. Connects the AD1816A to the ISA bus address lines.
AEN
20
18
I
Address Enable. Low signal indicates a PIO transfer.
DACK (x)
59–61
57–59
I
DMA Acknowledge. DACK (0), DACK (1), DACK (3). Active LO signal
indicating that a DMA operation can begin.
IOR
22
20
I
I/O Read. Active LO signal indicates a read operation.
IOW
21
19
I
I/O Write. Active HI signal indicates a write operation.
RESET
25
23
I
Reset. Active HI.
Game Port
Pin Name
PQFP
TQFP
I/O
Description
A_1
50
48
I
Game Port A, Button #1.
A_2
49
47
I
Game Port A, Button #2.
A_X
54
52
I
Game Port A, X-Axis.
A_Y
53
51
I
Game Port A, Y-Axis.
B_1
52
50
I
Game Port B, Button #1.
B_2
51
49
I
Game Port B, Button #2.
B_X
56
54
I
Game Port B, X-Axis.
B_Y
55
53
I
Game Port B, Y-Axis.
MIDI Interface Signal (24 mA Drivers)
Pin Name
PQFP
TQFP
I/O
Description
MIDI_IN
66
64
I
RXD MIDI Input. This pin is typically connected to Pin 15 of the game
port connector.
MIDI_OUT
67
65
O
TXD MIDI Output. This pin is typically connected to Pin 12 of the game
port connector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com