Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1816AJS Datasheet(PDF) 4 Page - Analog Devices

Part # AD1816AJS
Description  SoundPort Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1816AJS Datasheet(HTML) 4 Page - Analog Devices

  AD1816AJS Datasheet HTML 1Page - Analog Devices AD1816AJS Datasheet HTML 2Page - Analog Devices AD1816AJS Datasheet HTML 3Page - Analog Devices AD1816AJS Datasheet HTML 4Page - Analog Devices AD1816AJS Datasheet HTML 5Page - Analog Devices AD1816AJS Datasheet HTML 6Page - Analog Devices AD1816AJS Datasheet HTML 7Page - Analog Devices AD1816AJS Datasheet HTML 8Page - Analog Devices AD1816AJS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
AD1816A
–4–
REV. A
DIGITAL DECIMATION AND INTERPOLATION FILTERS*
Parameter
Min
Typ
Max
Units
Audio Passband
0
0.4
× F
S
Hz
Audio Passband Ripple
±0.09
dB
Audio Transition Band
0.4
× F
S
0.6
× F
S
Hz
Audio Stopband
0.6
× F
S
Hz
Audio Stopband Rejection
82
dB
Audio Group Delay
12/FS
sec
Group Delay Variation Over Passband
0.0
µs
ANALOG-TO-DIGITAL CONVERTERS
Parameter
Min
Typ
Max
Units
Resolution
16
Bits
Signal-to-Noise Ratio (SNR) (A-Weighted, Referenced to Full Scale)
82
80
dB
Total Harmonic Distortion (THD) (Referenced to Full Scale)
0.011
0.015
%
–79
–76.5
dB
Audio Dynamic Range (–60 dB Input THD+N Referenced to
Full-Scale, A-Weighted)
79
82
dB
Audio THD+N (Referenced to Full-Scale)
0.019
%
–76
–74.5
dB
Signal-to-Intermodulation Distortion* (CCIF Method)
82
dB
ADC Crosstalk*
Line Inputs (Input L, Ground R, Read R; Input R, Ground L Read L)
–95
–80
dB
Line to MIC (Input LINE, Ground and Select MIC, Read ADC)
–95
–80
dB
Line to SYNTH
–95
–80
dB
Line to CD
–95
–80
dB
Line to VID
–95
–80
dB
Gain Error (Full-Scale Span Relative to Nominal Input Voltage)
±10
%
Interchannel Gain Mismatch (Difference of Gain Errors)
±1dB
ADC Offset Error
–22
+15
mV
DIGITAL-TO-ANALOG CONVERTERS
Parameter
Min
Typ
Max
Units
Resolution
16
Bits
Signal-to-Noise Ratio (SNR) (A-Weighted)
83
79
dB
Total Harmonic Distortion (THD)
0.006
0.009
%
–85
–80.5
dB
Audio Dynamic Range (–60 dB Input THD+N Referenced to
Full Scale, A-Weighted)
79
82
dB
Audio THD+N (Referenced to Full Scale)
0.013
0.017
%
–78
–75.5
dB
Signal-to-Intermodulation Distortion* (CCIF Method)
95
dB
Gain Error (Full-Scale Span Relative to Nominal Input Voltage)
±10
%
Interchannel Gain Mismatch (Difference of Gain Errors)
±0.5
dB
DAC Crosstalk* (Input L, Zero R, Measure R_OUT;
Input R, Zero L, Measure L_OUT)
–80
dB
Total Out-of-Band Energy (Measured from 0.6
× F
S to 100 kHz
at L_OUT and R_OUT)*
–45
dB
Audible Out-of-Band Energy (Measured from 0.6
× F
S to 20 kHz
at L_OUT and R_OUT)*
–75
dB
MASTER VOLUME ATTENUATORS (L_OUT AND R_OUT, PHONE_OUT)
Parameter
Min
Typ
Max
Units
Master Volume Step Size (0 dB to –46.5 dB)
1.5
dB
Master Volume Output Attenuation Range Span
46.5
dB
Mute Attenuation of 0 dB Fundamental*
–80
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com