Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1816AJS Datasheet(PDF) 5 Page - Analog Devices

Part # AD1816AJS
Description  SoundPort Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1816AJS Datasheet(HTML) 5 Page - Analog Devices

  AD1816AJS Datasheet HTML 1Page - Analog Devices AD1816AJS Datasheet HTML 2Page - Analog Devices AD1816AJS Datasheet HTML 3Page - Analog Devices AD1816AJS Datasheet HTML 4Page - Analog Devices AD1816AJS Datasheet HTML 5Page - Analog Devices AD1816AJS Datasheet HTML 6Page - Analog Devices AD1816AJS Datasheet HTML 7Page - Analog Devices AD1816AJS Datasheet HTML 8Page - Analog Devices AD1816AJS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
DIGITAL MIX ATTENUATORS*
Parameter
Min
Typ
Max
Units
Step Size: I
2S (0), I2S (1), Music, ISA
1.505
dB
Digital Mix Attenuation Range Span
94.8
dB
ANALOG OUTPUT
Parameter
Min
Typ
Max
Units
Full-Scale Output Voltage (at L_OUT, R_OUT, PHONE_OUT)
2.8
V p-p
Output Impedance*
570
External Load Impedance*
10
k
Output Capacitance*
15
pF
External Load Capacitance
100
pF
VREFX*
2.10
2.25
2.40
V
VREFX Current Drive*
100
µA
VREFX Output Impedance*
6.5
k
Master Volume Mute Click (Muted Analog Mixers), Muted
Output Minus Unmuted Output at 0 dB
±5mV
SYSTEM SPECIFICATIONS*
Parameter
Min
Typ
Max
Units
System Frequency Response Ripple (Line In to Line Out)
1.0
dB
Differential Nonlinearity
±1
LSB
Phase Linearity Deviation
5
Degrees
STATIC DIGITAL SPECIFICATIONS
Parameter
Min
Typ
Max
Units
High Level Input Voltage (VIH)2
V
XTALI
2.4
V
Low Level Input Voltage (VIL)
0.8
V
High Level Output Voltage (VOH), IOH = 8 mA†
2.4
V
Low Level Output Voltage (VOL), IOL = 8 mA
0.4
V
Input Leakage Current
–10
+10
µA
Output Leakage Current
–10
+10
µA
POWER SUPPLY
Parameter
Min
Typ
Max
Units
Power Supply Range—Analog
4.75
5.25
V
Power Supply Range—Digital
4.75
5.25
V
Power Supply Current
221
mA
Power Dissipation
1105
mW
Analog Supply Current
51
mA
Digital Supply Current
170
mA
Analog Power Supply Current—Power-Down
2
mA
Digital Power Supply Current—Power-Down
24
mA
Analog Power Supply Current—RESET
0.2
mA
Digital Power Supply Current—RESET
10
mA
Power Supply Rejection (100 mV p-p Signal on Both Analog and Digital
Supply Pins, Measured at ADC and Line Outputs)
40
dB
CLOCK SPECIFICATIONS*
Parameter
Min
Typ
Max
Units
Input Clock Frequency
33
MHz
Recommended Clock Duty Cycle
25
50
75
%
Power-Up Initialization Time
500
ms
REV. A
–5–
AD1816A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com