Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1816AJS Datasheet(PDF) 37 Page - Analog Devices

Part # AD1816AJS
Description  SoundPort Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1816AJS Datasheet(HTML) 37 Page - Analog Devices

Back Button AD1816AJS Datasheet HTML 33Page - Analog Devices AD1816AJS Datasheet HTML 34Page - Analog Devices AD1816AJS Datasheet HTML 35Page - Analog Devices AD1816AJS Datasheet HTML 36Page - Analog Devices AD1816AJS Datasheet HTML 37Page - Analog Devices AD1816AJS Datasheet HTML 38Page - Analog Devices AD1816AJS Datasheet HTML 39Page - Analog Devices AD1816AJS Datasheet HTML 40Page - Analog Devices AD1816AJS Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
AD1816A
–37–
REV. A
POM
PHONE-OUT Mute. 0 = Unmuted, 1 = Muted.
3DD [3:0]
3D Depth Phat Stereo Enhancement Control. The LSB represents 6 2/3% phase expansion, 0000 = 0% and
the range is 0% to 100%.
3DDM
3D Depth Mute. Writing a “1” to this bit has the same affect as writing 0s to 3DD [3:0] bits, and causes
the Phat 3D Stereo Enhancement to be turned off. 0 = Phat Stereo is on, 1 = Phat Stereo is off.
[40] RESERVED
DEFAULT = [0x0000]
7654321076543210
RES
RES
[41] HARDWARE VOLUME BUTTON MODIFIER
DEFAULT = [0xXX1B]
7654321076543210
RES
VMU
VUP
VDN
BM [4:0]
BM [4:0]
Button Modifier
VDM
Volume Down
VUP
Volume Up
VMU
Volume Mute
This register contains a Master Volume attenuation offset, which can be incremented or decremented via the Hardware Volume
Pins. This register is summed with the Master Volume attenuation to produce the actual Master Volume DAC attenuation. A mo-
mentary grounding of greater than 50 ms on the
VOL_UP pin will cause a decrement (decrease in Attenuation) in this register.
Holding the pin LO for greater than 200 ms will cause an auto-decrement every 200 ms. This is also true for a momentary ground-
ing of the
VOL_DN pin. A momentary grounding of both the VOL_UP and VOL_DN causes a mute and no increment or decre-
ment to occur.
When Muted, an unmute is possible by a momentary grounding of both the
VOL_UP and VOL_DN pins together, a momen-
tary grounding of
VOL_UP (this also causes a volume increase), a momentary grounding of VOL_DN (this also causes a volume
decrease) or a write of “0” to the VI bit in SS [BASE+1].
[42] DSP MAILBOX 0
DEFAULT = [0x0000]
7654321076543210
MB0R [15:8]
MB0R [7:0]
MB0R [15:0]
This register is used to send data and control information to and from the DSP.
[43] DSP MAILBOX 1
DEFAULT = [0x0000]
7654321076543210
MB1R [15:8]
MB1R [7:0]
MB1R [15:0]
This register is used to send data and control information to and from the DSP.
[44] POWERDOWN AND TIMER CONTROL
DEFAULT = [0x0000]
7654321076543210
CPD
RES
PIW
PIR
PAA
PDA
PDP
PTB
3D
PD3D GPSP
RES
DM
RES
The AD1816A supports a timeout mechanism used in conjunction with the Timer Base Count and Timer Current Count registers
to generate a power-down interrupt. This interrupt allows software to power down the entire chip by setting the CPD bit. This
power-down control feature lets users program a time interval from 1 ms to approximately 1.8 hours in 1 ms increments. Five
power-down count reload enable bits are used to reload the Timer Current Count from the Timer Base Count when activity is
seen on that particular channel.
Programming Example: Generate Interrupt if No ISA Reads or Writes occur within 15 Minutes.
1) Write [SSBASE+0] with 0x0C ; Write Indirect address for TIMER BASE COUNT “register 12”
2) Write [SSBASE+2] with 0x28 ; Write TIMER BASE COUNT with (15 min
× 60 sec/min × 100 ms) = 0x2328; Note: PTB = 1,
timer decrements every 100 ms
3) Write [SSBASE+3] with 0x23 ; Write High byte of TIMER BASE COUNT
4) Write [SSBASE+0] with 0x2C ; Write Indirect address for POWER-DOWN and TIMER CONTROL register
5) Write [SSBASE+2] with 0x00 ; Write Low byte of POWER-DOWN and TIMER CONTROL register
6) Write [SSBASE+3] with 0x31 ; Set Enable bits for PIW and PIR
7) Write [SSBASE+0] with 0x01 ; Write Indirect address for INTERRUPT CONFIG register
8) Write [SSBASE+2] with 0x82 ; Set the TE (Timer Enable) bit
9) Write [SSBASE+3] with 0x20 ; Set the TIE (Timer Interrupt Enable) bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com