Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1816AJS Datasheet(PDF) 32 Page - Analog Devices

Part # AD1816AJS
Description  SoundPort Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1816AJS Datasheet(HTML) 32 Page - Analog Devices

Back Button AD1816AJS Datasheet HTML 28Page - Analog Devices AD1816AJS Datasheet HTML 29Page - Analog Devices AD1816AJS Datasheet HTML 30Page - Analog Devices AD1816AJS Datasheet HTML 31Page - Analog Devices AD1816AJS Datasheet HTML 32Page - Analog Devices AD1816AJS Datasheet HTML 33Page - Analog Devices AD1816AJS Datasheet HTML 34Page - Analog Devices AD1816AJS Datasheet HTML 35Page - Analog Devices AD1816AJS Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
AD1816A
–32–
REV. A
RIE
RW
Ring Interrupt Enable;
0
Ring Interrupt disabled
1
Ring Interrupt enabled
DIE
RW
DSP Interrupt Enable;
0
DSP Interrupt disabled
1
DSP Interrupt enabled
VIE
RW
Volume Interrupt Enable. If enabled, software increments/decrements BUTTON MODIFIER via
interrupt routine and pushing buttons only sets VUP, VDN, VMU bits. It does not change the volume.
0
Volume Interrupt disabled
1
Volume Interrupt enabled
TIE
RW
Timer Interrupt Enable;
0
Timer Interrupt disabled
1
Timer Interrupt enabled
CIE
RW
Capture Interrupt Enable;
0
Capture Interrupt disabled
1
Capture Interrupt enabled
PIE
RW
Playback Interrupt Enable;
0
Playback Interrupt disabled
1
Playback Interrupt enabled
[02] VOICE PLAYBACK SAMPLE RATE
DEFAULT = [0x1F40]
765432107654321
VPSR [15:8]
VPSR [7:0]
VPSR [15:0] Voice Playback Sample Rate. The sample rate can be programmed from 4 kHz to 55.2 kHz in 1 hertz increments. The
default playback sample rate is 8 kHz.
[03] VOICE CAPTURE SAMPLE RATE
DEFAULT = [0x1F40]
7654321076543210
VCSR [15:8]
VCSR [7:0]
VCSR [15:0] Voice Capture Sample Rate. The sample rate can be programmed from 4 kHz to 55.2 kHz in 1 hertz increments. Ig-
nored if CNP bit in SS [32] = 0 in which case VPSR [15:0] controls capture rate. The default capture sample rate is 8 kHz.
[04] VOICE ATTENUATION
DEFAULT = [0x8080]
7654321076543210
LVM
RES
LVA [5:0]
RVM
RES
RVA [5:0]
RVA [5:0]
Right Voice Attenuation for Playback channel. The LSB represents –1.5 dB, 000000 = 0 dB and the
range is 0 dB to –94.5 dB.
RVM
Right Voice Mute. 0 = Unmuted, 1 = Muted.
LVA [5:0]
Left Voice Attenuation for Playback channel. The LSB represents –1.5 dB, 000000 = 0 dB and the
range is 0 dB to –94.5 dB
LVM
Left Voice Mute. 0 = Unmuted, 1 = Muted.
[05] FM ATTENUATION
DEFAULT = [0x8080]
7654321076543210
LFMM
RES
LFMA [5:0]
RFMM
RES
RFMA [5:0]
RFMA [5:0] Right F Music Attenuation for the internal Music Synthesizer. The LSB represents –1.5 dB, 000000 = 0 dB and
the range is 0 dB to –94.5 dB.
RFMM
Right F Music Mute. 0 = Unmuted, 1 = Muted.
LFMA [5:0] Left F Music Attenuation for the internal Music Synthesizer. The LSB represents –1.5 dB, 000000 = 0 dB and the
range is 0 dB to –94.5 dB.
LFMM
Left F Music Mute. 0 = Unmuted, 1 = Muted.
[06] I
2S(1) ATTENUATION
DEFAULT = [0x8080]
7654321076543210
LS1M
RES
LS1A [5:0]
RS1M
RES
RS1A [5:0]
RS1A [5:0]
Right I
2S(1) Attenuation register. The LSB represents –1.5 dB, 000000 = 0 dB and the range is 0 dB to –94.5 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com