Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1816AJS Datasheet(PDF) 28 Page - Analog Devices

Part # AD1816AJS
Description  SoundPort Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1816AJS Datasheet(HTML) 28 Page - Analog Devices

Back Button AD1816AJS Datasheet HTML 24Page - Analog Devices AD1816AJS Datasheet HTML 25Page - Analog Devices AD1816AJS Datasheet HTML 26Page - Analog Devices AD1816AJS Datasheet HTML 27Page - Analog Devices AD1816AJS Datasheet HTML 28Page - Analog Devices AD1816AJS Datasheet HTML 29Page - Analog Devices AD1816AJS Datasheet HTML 30Page - Analog Devices AD1816AJS Datasheet HTML 31Page - Analog Devices AD1816AJS Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
AD1816A
–28–
REV. A
[Base+9]
Capture Configuration
76543210
RES
CFMT [1:0]
CC/L
CST
CIO
CEN
RESET = [0x00]
CEN
(RW)
Capture Enable. This bit enables or disables data capture.
0
Disable
1
Enable
CIO
(RW) Capture Programmed I/O. This bit determines whether the capture data is transferred via DMA or PIO.
0
DMA
1
PIO
CST
(RW) Capture Stereo/Mono Select. This bit selects stereo or mono formatting for the input audio data streams.
In stereo, the Codec alternates samples between channels to provide left and right channel input. For mono,
the Codec captures samples on the left channel.
0
Mono
1
Stereo
CC/L
(RW) Capture Companded/Linear Select. This bit selects between a linear digital representation of the audio sig-
nal or a nonlinear, companded format for all output data. The type of linear PCM or the type of companded
format is defined by CFMT [1:0].
0
Linear PCM
1
Companded
CFMT [1:0]
(RW) Capture Format. Use these bits to select the format for capture data according to the following Table VI and
Figure 15.
[Base+10]
Reserved
76543210
RESERVED
RESET = [0xXX]
[Base+11]
Reserved
76543210
RESERVED
RESET = [0xXX]
[Base+12]
Joystick RAW DATA
76543210
Joystick Data [7:0]
RESET = [0xF0]
Joystick Data
(RO)
Joystick Data. Joystick Data (identical to LDN 2): Writes to this register are ignored.
[Base+13]
Joystick Control
76543210
JRDY
JWRP
JSEL [1:0]
JMSK [3:0]
RESET = [0xF0]
JMSK [3:0]
(RW) Joystick Axis Mask. JRDY bit calculated based on axes selected by JMSK only.
xxx1
Enable AX
xx1x
Enable AY
x1xx
Enable BX
1xxx
Enable BY
JSEL [1:0]
(RW) Joystick Select. Selects one of four joystick axis register sets according to the following table:
00
Read AX (16 Bits) from [Base+14] & [Base+15]
01
Read AY (16 Bits) from [Base+14] & [Base+15]
10
Read BX (16 Bits) from [Base+14] & [Base+15]
11
Read BY (16 Bits) from [Base+14] & [Base+15]
JWRP
(RW) Joystick Wrapmode. Continuous Joystick sampling mode—sampling automatically restarted every ~16 ms.
JRDY
(RO)
Joystick Ready. Sampling complete, joystick data ready for reading.
Note: Sampling must be started manually if JWRP is set before any sampling cycles are run. To start sampling after setting the JWRP
bit, write to the joystick port [Base+14].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com