Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1816AJS Datasheet(PDF) 33 Page - Analog Devices

Part # AD1816AJS
Description  SoundPort Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1816AJS Datasheet(HTML) 33 Page - Analog Devices

Back Button AD1816AJS Datasheet HTML 29Page - Analog Devices AD1816AJS Datasheet HTML 30Page - Analog Devices AD1816AJS Datasheet HTML 31Page - Analog Devices AD1816AJS Datasheet HTML 32Page - Analog Devices AD1816AJS Datasheet HTML 33Page - Analog Devices AD1816AJS Datasheet HTML 34Page - Analog Devices AD1816AJS Datasheet HTML 35Page - Analog Devices AD1816AJS Datasheet HTML 36Page - Analog Devices AD1816AJS Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
AD1816A
–33–
REV. A
RS1M
Right I
2S(1) Mute. 0 = Unmuted, 1 = Muted.
LS1A [5:0]
Left I
2S(1) Attenuation register. The LSB represents –1.5 dB, 000000 = 0 dB and the range is 0 dB to –94.5 dB.
LS1M
Left I
2S(1) Mute. 0 = Unmuted, 1 = Muted.
[07] I
2S(0) ATTENUATION
DEFAULT = [0x8080]
7654321076543210
LS0M
RES
LS0A [5:0]
RS0M
RES
RS0A [5:0]
RS0A [5:0]
Right I
2S(0) Attenuation register. The LSB represents –1.5 dB, 000000 = 0 dB and the range is 0 dB to –94.5 dB.
RS0M
Right I
2S(0) Mute. 0 = Unmuted, 1 = Muted.
LS0A [5:0]
Left I
2S(0) Attenuation register. The LSB represents –1.5 dB, 000000 = 0 dB and the range is 0 dB to –94.5 dB.
LS0M
Left I
2S(0) Mute. 0 = Unmuted, 1 = Muted.
[08] PLAYBACK BASE COUNT
DEFAULT = [0x0000]
7654321076543210
PBC [15:8]
PBC [7:0]
PBC [15:0]
Playback Base Count. This register is for loading the Playback DMA Count. Writing a value to this register also
loads the same data into the Playback Current Count register. You must load this register when Playback Enable
(PEN) is deasserted. When PEN is asserted, the Playback Current Count decrements once for every four bytes
transferred via a DMA cycle. The next transfer, after zero is reached in the Playback Current Count, will generate
an interrupt and reload the Playback Current Count with the value in the Playback Base Count. The Playback Base
Count should always be programmed to Number Bytes divided by four, minus one ((Number Bytes/4) –1). The
circular software DMA buffer must be divisible by four to ensure proper operation.
[09] PLAYBACK CURRENT COUNT
DEFAULT = [0x0000]
7654321076543210
PCC [15:8]
PCC [7:0]
PCC [15:0]
Playback Current Count register. Contains the current Playback DMA Count. Reads and Writes must be done
when PEN is deasserted.
[10] CAPTURE BASE COUNT
DEFAULT = [0x0000]
7654321076543210
CBC [15:8]
CBC [7:0]
CBC [15:0]
Capture Base Count. This register is for loading the Capture DMA Count. Writing a value to this register also
loads the same data into the Capture Current Count register. Loading must be done when Capture Enable (CEN)
is deasserted. When CEN is asserted, the Capture Current Count decrements once for every four bytes transferred
via a DMA cycle. The next transfer, after zero is reached in the Capture Current Count, will generate an interrupt
and reload the Capture Current Count with the value in the Capture Base Count. The Capture Base Count should
always be programmed to Number Bytes divided by four, minus one ((Number Bytes/4) –1). The circular software
DMA buffer must be divisible by four to ensure proper operation.
[11] CAPTURE CURRENT COUNT
DEFAULT = [0x0000]
7654321076543210
CCC [15:8]
CCC [7:0]
CCC [15:0]
Capture Current Count register. Contains the current Capture DMA Count. Reading and Writing must be done
when CEN is deasserted.
[12] TIMER BASE COUNT
DEFAULT = [0x0000]
7654321076543210
TBC [15:8]
TBC [7:0]
TBC [15:0]
Timer Base Count. Writing a value to this register loads data into the Timer Current Count register. Loading must
be done when Timer Enable (TE) is deasserted. When TE is asserted, the Timer Current Count register decre-
ments once for every specified time period. The time period (10
µs or 100 ms) is programmed via the PTB bit in
SS [44]. When TE is asserted, the Timer Current Count decrements once every time period. The next count, after zero
is reached in the Timer Current Count register, will generate an interrupt and reload the Timer Current Count register
with the value in the Timer Base Count register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com