Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1816AJS Datasheet(PDF) 40 Page - Analog Devices

Part # AD1816AJS
Description  SoundPort Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1816AJS Datasheet(HTML) 40 Page - Analog Devices

Back Button AD1816AJS Datasheet HTML 36Page - Analog Devices AD1816AJS Datasheet HTML 37Page - Analog Devices AD1816AJS Datasheet HTML 38Page - Analog Devices AD1816AJS Datasheet HTML 39Page - Analog Devices AD1816AJS Datasheet HTML 40Page - Analog Devices AD1816AJS Datasheet HTML 41Page - Analog Devices AD1816AJS Datasheet HTML 42Page - Analog Devices AD1816AJS Datasheet HTML 43Page - Analog Devices AD1816AJS Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
AD1816A
–40–
REV. A
APPENDIX A
PLUG AND PLAY INTERNAL ROM
Note: All addresses are depicted in hexadecimal notation.
Vendor ID: ADS7181
Serial Number: FFFFFFFF
Checksum: 2F
PNP Version: 1.0, vendor version: 20
ASCII string: “Analog Devices AD1816A”
Logical Device ID: ADS7180
not a boot device, implements PNP register(s) 31
Start dependent function, best config
IRQ: channel(s) 5 7
type(s) active-high, edge-triggered
DMA: channel(s) 1
Type F, count-by-byte, nonbus-mastering, 8-bit only
DMA: channel(s) 0 1 3
Type F, count-by-byte, nonbus-mastering, 8-bit only
I/O: 16-bit decode, range [0220,0240] mod 20, length 10
I/O: 16-bit decode, range [0388,0388] mod 08, length 04
I/O: 16-bit decode, range [0500,0560] mod 10, length 10
Start dependent function, acceptable config
IRQ: channel(s) 5 7 10
type(s) active-high, edge-triggered
DMA: channel(s) 0 1 3
Type F, count-by-byte, nonbus-mastering, 8-bit only
DMA: channel(s) 0 1 3
Type F, count-by-byte, nonbus-mastering, 8-bit only
I/O: 16-bit decode, range [0220,0240] mod 20, length 10
I/O: 16-bit decode, range [0388,0388] mod 08, length 04
I/O: 16-bit decode, range [0500,0560] mod 10, length 10
Start dependent function, acceptable config
IRQ: channel(s) 5 7 9 10 11 15
type(s) active-high, edge-triggered
DMA: channel(s) 0 1 3
Type F, count-by-byte, nonbus-mastering, 8-bit only
DMA: channel(s) 0 1 3
Type F, count-by-byte, nonbus-mastering, 8-bit only
I/O: 16-bit decode, range [0220,02E0] mod 20, length 10
I/O: 16-bit decode, range [0388,03B8] mod 08, length 04
I/O: 16-bit decode, range [0500,0560] mod 10, length 10
Start dependent function, suboptimal config
IRQ: channel(s) 5 7 9 10 11 15
type(s) active-high, edge-triggered
DMA: channel(s) 0 1 3
Type F, count-by-byte, nonbus-mastering, 8-bit only
DMA: NULL
I/O: 16-bit decode, range [0220,02E0] mod 20, length 10
I/O: 16-bit decode, range [0388,03B8] mod 08, length 04
I/O: 16-bit decode, range [0500,0560] mod 10, length 10
End all dependent functions
Logical Device ID: ADS7181
not a boot device, implements PNP register(s) 31
Compatible Device ID: PNPB006
Start dependent function, best config
IRQ: channel(s) 5 7 9 11
type(s) active-high, edge-triggered
I/O: 16-bit decode, range [0300,0330] mod 30, length 02
Start dependent function, acceptable config
IRQ: channel(s) 5 7 9 10 11 15
type(s) active-high, edge-triggered
I/O: 16-bit decode, range [0300,0420] mod 30, length 02
End all dependent functions
Logical Device ID: ADS7182
not a boot device, implements PNP register(s) 31
Compatible Device ID: PNPB02F
Start dependent function, best config
I/O: 16-bit decode, range [0200,0200] mod 08, length 08
Start dependent function, acceptable config
I/O: 16-bit decode, range [0200,0208] mod 08, length 08
End all dependent functions
End:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com