Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9789BBCZ Datasheet(PDF) 31 Page - Analog Devices

Part # AD9789BBCZ
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 27Page - Analog Devices AD9789BBCZ Datasheet HTML 28Page - Analog Devices AD9789BBCZ Datasheet HTML 29Page - Analog Devices AD9789BBCZ Datasheet HTML 30Page - Analog Devices AD9789BBCZ Datasheet HTML 31Page - Analog Devices AD9789BBCZ Datasheet HTML 32Page - Analog Devices AD9789BBCZ Datasheet HTML 33Page - Analog Devices AD9789BBCZ Datasheet HTML 34Page - Analog Devices AD9789BBCZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 76 page
background image
AD9789
Rev. A | Page 31 of 76
Table 19. QAM/SRRC Configuration Register (Address 0x07)
Table 20. Summing Node Scalar Register (Address 0x08)
Table 21. Input Scalar Register (Address 0x09)
Bit
Bit Name
Description
[7:6]
Reserved
Reserved.
[5:4]
ALPHA[1:0]
These bits set the SRRC filter alpha.
Setting
Alpha Filter
00
0.12
01
0.18
10
0.15
11
0.13
3
Reserved
Reserved.
[2:0]
MAPPING[2:0]
These bits set the QAM encoding.
Setting
QAM Encoding
000
DOCSIS 64-QAM
001
DOCSIS 256-QAM
010
DVB-C 16-QAM
011
DVB-C 32-QAM
100
DVB-C 64-QAM
101
DVB-C 128-QAM
110
DVB-C 256-QAM
111
Unused
Bit
Bit Name
Description
[7:0]
SUMSCALE[7:0]
This register sets the value of the 2.6 multiplier that is applied to the output of the channel summing node.
Setting
2.6 Multiplier
00000000
0
00000001
0.015625
00000010
0.03125
…
…
00001101
0.203125 (default)
…
…
11111110
3.96875
11111111
3.984375
Bit
Bit Name
Description
[7:0]
INSCALE[7:0]
This register sets the value of the 3.5 multiplier that is applied to the input data. This scaling block is in parallel
with the QAM encoder block and is used when the QAM encoder block is bypassed.
Setting
3.5 Multiplier
00000000
0
00000001
0.03125
00000010
0.0625
…
…
00100000
1 (default)
…
…
11111110
7.9375
11111111
7.96875



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com