Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9789BBCZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD9789BBCZ
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 31Page - Analog Devices AD9789BBCZ Datasheet HTML 32Page - Analog Devices AD9789BBCZ Datasheet HTML 33Page - Analog Devices AD9789BBCZ Datasheet HTML 34Page - Analog Devices AD9789BBCZ Datasheet HTML 35Page - Analog Devices AD9789BBCZ Datasheet HTML 36Page - Analog Devices AD9789BBCZ Datasheet HTML 37Page - Analog Devices AD9789BBCZ Datasheet HTML 38Page - Analog Devices AD9789BBCZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 76 page
background image
AD9789
Rev. A | Page 35 of 76
Table 34. Internal Clock Phase Adjust Register (Address 0x23)
Bit
Bit Name
Description
[7:4]
DSCPHZ[3:0]
The data sampling clock (DSC) is an internal clock that is used to sample the input data. This clock can occur on
1 of 16 phases to optimize the setup and hold timing of the data interface.
Setting
Selected Phase
0000
Earliest clock phase
0001
Second earliest clock phase that occurs 1/16 of a DSC cycle later
…
…
1111
Last available clock phase
[3:0]
SNCPHZ[3:0]
The synchronization clock (SNC) is an internal clock that is used to synchronize the digital datapath clock with
the DAC clock. This clock can occur on 1 of 16 phases to optimize the DAC-to-datapath timing.
Setting
Selected Phase
0000
Earliest clock phase
0001
Second earliest clock phase that occurs 1/16 of a DSC cycle later
…
…
1111
Last available clock phase
Table 35. Parameter Update Register (Address 0x24)
Bit
Name
Description
7
PARMNEW
This bit must transition from 0 to 1 for changes to Register 0x22 and Register 0x23 to take effect. Assuming that
this bit was previously set to 0, writing a 1 to this bit causes the readback value of the bit to reflect the state of
the chip. (The state of the chip is updated very quickly; for this reason, users with slow SPI implementations may
never read back a 0 after an update.)
0 = values have not been updated.
1 = values have been updated.
[6:0]
Reserved
Reserved.
Table 36. Channel Gain Registers (Address 0x25 to Address 0x28)
Address
Register Name
Bit Name
Description
0x25
0x26
0x27
0x28
Channel 0 gain
Channel 1 gain
Channel 2 gain
Channel 3 gain
CHAN0GAIN[7:0]
CHAN1GAIN[7:0]
CHAN2GAIN[7:0]
CHAN3GAIN[7:0]
These registers configure a value for the 1.7 multiplier applied to each individual
channel just prior to the SUMSCALE block. The range of the channel gain is 0 to
1.9921875 with a step size of 0.0078125. To mute an individual channel, set the
scale factor to 0.
Setting
Channel Gain
00000000
0
00000001
0.0078125
…
…
11111111
1.9921875
Table 37. Spectrum Shaping Register (Address 0x29)
Bit
Name
Description
[7:1]
Reserved
Reserved.
0
SPEC_INV
Setting this bit to 1 spectrally inverts the signal, effectively multiplying the Q data by −1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com