Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9789BBCZ Datasheet(PDF) 74 Page - Analog Devices

Part # AD9789BBCZ
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ Datasheet(HTML) 74 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 68Page - Analog Devices AD9789BBCZ Datasheet HTML 69Page - Analog Devices AD9789BBCZ Datasheet HTML 70Page - Analog Devices AD9789BBCZ Datasheet HTML 71Page - Analog Devices AD9789BBCZ Datasheet HTML 72Page - Analog Devices AD9789BBCZ Datasheet HTML 73Page - Analog Devices AD9789BBCZ Datasheet HTML 74Page - Analog Devices AD9789BBCZ Datasheet HTML 75Page - Analog Devices AD9789BBCZ Datasheet HTML 76Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 74 / 76 page
background image
AD9789
Rev. A | Page 74 of 76
OUTLINE DIMENSIONS
*COMPLIANT TO JEDEC STANDARDS MO-219 WITH THE EXCEPTION
TO PACKAGE HEIGHT.
0.80
BSC
0.80
REF
A
B
C
D
E
F
G
H
J
K
L
M
N
P
14
13
12
11
10
9
8
7
6
5
4
3
2
1
BOTTOM VIEW
10.40
BSC SQ
DETAIL A
TOP VIEW
DETAIL A
COPLANARITY
0.08
0.53
0.48
0.43
0.38
0.33
0.28
BALL DIAMETER
SEATING
PLANE
12.00 BSC SQ
A1 BALL
CORNER
*1.30
1.22
1.14
0.96
0.89
0.82
0.24
REF
0.65
REF
Figure 130. 164-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
(BC-164-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD9789BBCZ
−40°C to +85°C
164-Ball Chip Scale Package Ball Grid Array (CSP_BGA)
BC-164-1
AD9789BBCZRL
−40°C to +85°C
164-Ball Chip Scale Package Ball Grid Array (CSP_BGA)
BC-164-1
AD9789BBC
−40°C to +85°C
164-Ball Chip Scale Package Ball Grid Array (CSP_BGA)
BC-164-1
AD9789BBCRL
−40°C to +85°C
164-Ball Chip Scale Package Ball Grid Array (CSP_BGA)
BC-164-1
AD9789-EBZ
Evaluation Board for CMTS and Normal Mode Evaluation
AD9789-MIX-EBZ
Evaluation Board for Mix Mode Evaluation
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com