Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9789BBCZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD9789BBCZ
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 24Page - Analog Devices AD9789BBCZ Datasheet HTML 25Page - Analog Devices AD9789BBCZ Datasheet HTML 26Page - Analog Devices AD9789BBCZ Datasheet HTML 27Page - Analog Devices AD9789BBCZ Datasheet HTML 28Page - Analog Devices AD9789BBCZ Datasheet HTML 29Page - Analog Devices AD9789BBCZ Datasheet HTML 30Page - Analog Devices AD9789BBCZ Datasheet HTML 31Page - Analog Devices AD9789BBCZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 76 page
background image
AD9789
Rev. A | Page 28 of 76
Addr
Register Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
De-
fault
0x2F
Mu Delay
Control 1
SEARCH_
TOL
SEARCH_ERR
TRACK_
ERR
GUARDBAND[4:0]
0x0B
0x30
Mu control duty
cycle
Duty cycle
correct
enable
INC_DEC
(Factory)
MANUAL_ADJ[5:0]
(Factory test only)
0x40
0x31
Clock Receiver 1
CLKN_CML[3:0]
Reserved
0xF0
0x32
Clock Receiver 2
CLK_DIS
Reserved
PSIGN
CLKP_CML[3:0]
NSIGN
0x3F
0x33
Mu Delay
Control 2
MU_CLKDIS
SLOPE
MODE[1:0]
MUSAMP
GAIN[1:0]
MU_EN
0x42
0x34
Reserved
Reserved
0x00
0x35
Reserved
Reserved
0xCA
0x36
DAC bias
PDBIAS
Reserved
MSEL[1:0]
0x03
0x37
Reserved
Reserved
0x00
0x38
DAC decoder
Reserved
DAC decoder mode
0x00
0x39
Mu Delay
Control 3
MUDLY[0]
SEARCH_DIR[1:0]
MUPHZ[4:0]
0x40
0x3A
Mu Delay
Control 4
MUDLY[8:1]
0x00
0x3B
Reserved
Reserved
0x00
0x3C
Full-Scale
Current 1
FSC[7:0]
0x00
0x3D
Full-Scale
Current 2
Reserved
FSC[9:8]
0x02
0x3E
Phase detector
control
PHZ_PD
Reserved
CMP_BST
AUTO_CAL
PHZ_DET_BIAS[3:0]
0x18
0x3F
Reserved
Reserved
0x00
0x40
BIST control
CLKSHDN
INPUTSEL
Reserved
BENABLE
BMODE[3:0]
0x00
0x41
BIST status
BDONE
BSTATUS[6:0]
0x00
0x42
PADLEN[7:0]
0x00
0x43
BIST zero
padding length
PADLEN[15:8]
0x00
0x44
VECTLEN[7:0]
0x00
0x45
VECTLEN[15:8]
0x00
0x46
BIST vector
length
VECTLEN[23:16]
0x00
0x47
BIST clock adjust
BCLKDIV[3:0]
BCLKPHZ[3:0]
0x00
0x48
Sign 0 control
S0ENABL
S0RDEN
S0PRNG
S0ZERO
S0NEG
S0FNLCH
S0SEL[1:0]
0x00
0x49
Sign 0 clock
adjust
S0CLKDIV[3:0]
S0CLKPHZ[3:0]
0x00
0x4A
Sign 1 control
S1ENABL
S1RDEN
S1PRNG
S1ZERO
S1NEG
S1FNLCH
S1SEL[1:0]
0x00
0x4B
Sign 1 clock
adjust
S1CLKDIV[3:0]
S1CLKPHZ[3:0]
0x00
0x4C
RegFnl0Freq
Final Rate/Offset Control 0 [7:0]
0x00
0x4D
RegFnl1Freq
Final Rate/Offset Control 1 [7:0]
0x00
0x50
SGN0[7:0]
0x00
0x51
SGN0[15:8]
0x00
0x52
BIST Signature 0
SGN0[23:16]
0x00
0x53
SGN1[7:0]
0x00
0x54
SGN1[15:8]
0x00
0x55
BIST Signature 1
SGN1[23:16]
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com