Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9789BBCZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD9789BBCZ
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 16Page - Analog Devices AD9789BBCZ Datasheet HTML 17Page - Analog Devices AD9789BBCZ Datasheet HTML 18Page - Analog Devices AD9789BBCZ Datasheet HTML 19Page - Analog Devices AD9789BBCZ Datasheet HTML 20Page - Analog Devices AD9789BBCZ Datasheet HTML 21Page - Analog Devices AD9789BBCZ Datasheet HTML 22Page - Analog Devices AD9789BBCZ Datasheet HTML 23Page - Analog Devices AD9789BBCZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 76 page
background image
AD9789
Rev. A | Page 20 of 76
80
75
70
65
60
55
50
45
40
35
30
25
20
15
10
1200 1300 1400 1500 1600 1700 1800 1900 2000 2100 2200 2300 2400
fOUT (MHz)
Figure 52. SFDR vs. fOUT in Mix Mode, fDAC = 2.4 GHz, Full-Scale Current = 20 mA
(Second Nyquist Zone Performance)
80
75
70
65
60
55
50
45
40
35
30
85
90
1200 1300 1400 1500 1600 1700 1800 1900 2000 2100 2200 2300 2400
fOUT (MHz)
Figure 53. IMD vs. fOUT in Mix Mode, fDAC = 2.4 GHz, Full-Scale Current = 20 mA
(Second Nyquist Zone Performance)
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
1150 1250 1350 1450 1550 1650 1750 1850 1950 2050 2150 2250
fOUT (MHz)
FIRST ADJACENT CHANNE L
SECOND ADJACENT CHANNE L
THIRD ADJACENT CHANNE L
FIFTH ADJACENT CHANNE L
Figure 54. ACLR vs. fOUT in Mix Mode with One-Carrier WCDMA, fDAC = 2304 MHz,
Full-Scale Current = 20 mA (Second Nyquist Zone Performance)
CENTER 2.100GHz
RES BW 30kHz
VBW 300kHz
SPAN 53.84MHz
SWEEP 174.6ms (601 PTS)
ATTEN 0dB
REF –32.62dBm
FREQ.
LOWER
UPPER
OFFSET
REF BW
dBc
dBm
dBc
dBm
CARRIER POWER
–19.95dBm/
3.84000MHz
RMS RESULTS
5.000MHz 3.840MHz –68.93 –88.88
–67.99 –87.94
10.00MHz 3.840MHz –71.31 –91.26
–70.42 –90.37
15.00MHz 3.840MHz –73.43 –93.37
–72.68 –92.63
20.00MHz 3.840MHz –75.12 –95.07
–74.89 –94.84
25.00MHz 3.840MHz –75.60 –95.55
–76.51 –96.46
Figure 55. One-Carrier WCDMA ACLR in Mix Mode, fOUT = 2.1 GHz,
fDAC = 2304 MHz, Full-Scale Current = 20 mA
CENTER 2.102 50GHz
RES BW 30kHz
VBW 300kHz
SPAN 63.84MHz
SWEEP 207ms (601 PTS)
FREQ.
LOWER
UPPER
OFFSET
REF BW
dBc
dBm
dBc
dBm
CARRIER POWER
–26.06dBm/
3.84000MHz
RMS RESULTS
5.000MHz 3.840MHz
–0.25 –26.31
–0.42 –26.47
10.00MHz 3.840MHz
–0.42 –26.48
–63.50 –89.56
15.00MHz 3.840MHz –64.07 –90.13
–65.13 –91.18
20.00MHz 3.840MHz –65.36 –91.42
–66.97 –93.03
25.00MHz 3.840MHz –66.86 –92.92
–68.70 –94.76
30.00MHz 3.840MHz –67.83 –93.89
–68.64 –94.70
ATTEN 2dB
REF –38.62dBm
Figure 56. Four-Carrier WCDMA ACLR in Mix Mode, fOUT = 2.1 GHz,
fDAC = 2304 MHz, Full-Scale Current = 20 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com