Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9789BBCZ Datasheet(PDF) 49 Page - Analog Devices

Part # AD9789BBCZ
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 45Page - Analog Devices AD9789BBCZ Datasheet HTML 46Page - Analog Devices AD9789BBCZ Datasheet HTML 47Page - Analog Devices AD9789BBCZ Datasheet HTML 48Page - Analog Devices AD9789BBCZ Datasheet HTML 49Page - Analog Devices AD9789BBCZ Datasheet HTML 50Page - Analog Devices AD9789BBCZ Datasheet HTML 51Page - Analog Devices AD9789BBCZ Datasheet HTML 52Page - Analog Devices AD9789BBCZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
AD9789
Rev. A | Page 49 of 76
7 DCO CYCLES
6 DCO CYCLES
7 DCO CYCLES
tPD
tPD
tPD
SAMPLE
0
SAMPLE
1
SAMPLE
2
DCO
FS
D[31:0]
DSC
Figure 96. QDUC Mode Interface Timing Diagram for Design Example When FS Is Active
Design Example
In this example, a system has a DAC rate of 1600 MHz and a
baud rate of 15 MHz. Because fDCO = fDAC/16 = 100 MHz, the
ratio of fDCO/fFS = 6.667. To satisfy the requirement that P/Q be
between 0.5 and 1.0, an additional interpolation factor of 8×
must be applied, so N = 3. Solving for P/Q results in 5/6.
Therefore, three out of every 20 DCO clock edges should
result in data samples being loaded into the device (the ratio
of fFS/fDCO = 3/20). Figure 96 shows a timing diagram that
illustrates the operation of the interface in this example. In the
timing diagram, tPD corresponds to the propagation delay
between the rising edge of FS and when the first sample in a
given transmission is sampled into the AD9789. Note that tPD
can vary by more than 1 DCO cycle.
Retimer Operation
The AD9789 uses a three-register retimer. The first two registers
are clocked from any one of 16 phases derived from the DAC
clock. The clock for the last register is fixed to Phase 15. The
programmable register clocks are the digital sample clock (DSC)
and the synchronizer clock (SNC). By choosing different
phases, fine adjustment of the sampling time can be made to
adjust for delays in the data source. Register 0x23[7:4] sets the
DSC phase (DSCPHZ) and Register 0x23[3:0] sets the SNC
phase (SNCPHZ) to any one of the 16 phases. The last register
in the chain is always clocked from Phase 15.
The parity counters can aid in identifying the edges of the data
valid windows. Operation in CMOS mode is quite similar to oper-
ation in LVDS mode, as can be seen in Figure 97 and Figure 98.
Q
D
CLK
Q
D
CLK
Q
D
CLK
32
32
32
BITS
0TO 31
CMOS
DATA
DSC
Φ 0TO 15
SNC
Φ 0TO 13
PHZ
Φ 15
Figure 97. CMOS Retiming Registers
Q
D
CLK
Q
D
CLK
Q
D
CLK
16
Q
D
CLK
16
16
BITS
16 TO 31
DSC
Φ 0TO 15
SNC
Φ 0TO 13
PHZ
Φ 15
Q
D
CLK
Q
D
CLK
Q
D
CLK
16
16
16
BITS
0TO 15
LVDS
DATA
Figure 98. LVDS Rearranges the DSC Register
Register 0x23 and Register 0x21[2:0] can provide timing adjust-
ments with very low jitter penalty, but they can also be set to the
following recommended safe values:
•
In LVDS mode, DSCPHZ = 0, SNCPHZ = 3, LTNCY = 0
(see the Latency Register section)
•
In CMOS mode, DSCPHZ = 0, SNCPHZ = 7, LTNCY = 0
(see the Latency Register section)
Timing adjustments can then be made in an FPGA or other
data source.
Note that selecting Phase 14 or Phase 15 for SNCPHZ results in
a timing violation. In CMOS mode, setting DSCPHZ one step
behind or at SNCPHZ also results in a timing violation.
Latency Register
A latency register, controlled via Register 0x21[2:0], follows the
three-register retimer and can delay the data up to seven DCO
clocks in steps of one DCO clock. The critical retiming is
already done in the first three registers, so an incorrect latency
value does not result in a timing violation. The latency value
determines which data sample is the first sample in a trans-
mission and routes that sample to the appropriate channel.
Latency is affected by the round-trip delay from when FS goes
high to when the first data sample is output from the retimer. If
the latency value programmed into the part is incorrect, the
input data samples will not be assembled properly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com