Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9789BBCZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD9789BBCZ
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 19Page - Analog Devices AD9789BBCZ Datasheet HTML 20Page - Analog Devices AD9789BBCZ Datasheet HTML 21Page - Analog Devices AD9789BBCZ Datasheet HTML 22Page - Analog Devices AD9789BBCZ Datasheet HTML 23Page - Analog Devices AD9789BBCZ Datasheet HTML 24Page - Analog Devices AD9789BBCZ Datasheet HTML 25Page - Analog Devices AD9789BBCZ Datasheet HTML 26Page - Analog Devices AD9789BBCZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 76 page
background image
AD9789
Rev. A | Page 23 of 76
SERIAL CONTROL PORT
The AD9789 serial control port is a flexible, synchronous serial
communications port that allows an easy interface to many
industry-standard microcontrollers and microprocessors. The
AD9789 serial control port is compatible with most synchronous
transfer formats, including both the Motorola SPI® and Intel® SSR
protocols. The serial control port allows read/write access to all
registers that configure the AD9789. Single- or multiple-byte
transfers are supported, as well as MSB first or LSB first transfer
formats. The AD9789 serial control port can be configured for a
single bidirectional I/O pin (SDIO only) or for two unidirectional
I/O pins (SDIO/SDO). By default, the AD9789 is in unidirectional
long instruction mode (long instruction mode is the only
instruction mode supported).
SERIAL CONTROL PORT PIN DESCRIPTIONS
The SCLK (serial clock) pin is the serial shift clock. This pin is
an input. SCLK is used to synchronize serial control port reads
and writes. Write data bits are registered on the rising edge of
this clock, and read data bits are registered on the falling edge.
This pin is internally pulled down by a 30 kΩ resistor to ground.
SDIO (serial data input/output) is a dual-purpose pin that acts
as an input only (unidirectional mode) or as both an input and
an output (bidirectional mode). The AD9789 defaults to the
unidirectional I/O mode (Register 0x00[7] = 0).
The SDO (serial data output) pin is used only in the unidirectional
I/O mode as a separate output pin for reading back data.
CS (chip select bar) is an active low control that gates the read
and write cycles. When CS is high, SDO and SDIO are in a high
impedance state. This pin is internally pulled up by a 30 kΩ
resistor to DVDD33.
M1
L1
N1
P1
AD9789
SERIAL
CONTROL
PORT
SCLK
CS
SDO
SDIO
Figure 62. Serial Control Port
GENERAL OPERATION OF SERIAL CONTROL PORT
A write or read operation to the AD9789 is initiated by pulling
CS low. CS stall high is supported in modes where three or
fewer bytes of data (plus the instruction data) are transferred
(see
). In these modes,
Table 7
CS can temporarily return high
on any byte boundary, allowing time for the system controller
to process the next byte. CS can go high on byte boundaries
only and can go high during either part (instruction or data)
of the transfer.
During CS stall high mode, the serial control port state machine
enters a wait state until all data is sent. If the system controller
decides to abort the transfer before all of the data is sent, the
state machine must be reset by either completing the remaining
transfers or by returning CS low for at least one complete SCLK
cycle (but less than eight SCLK cycles). Raising CS on a nonbyte
boundary terminates the serial transfer and flushes the buffer.
In streaming mode (see Table 7), any number of data bytes can
be transferred in a continuous stream. The register address is
automatically incremented or decremented (see the MSB/LSB
First Transfers section). CS must be raised at the end of the last
byte to be transferred, thereby ending streaming mode.
Communication Cycle—Instruction Plus Data
There are two parts to a communication cycle with the AD9789.
In the first part, a 16-bit instruction word is written to the
AD9789, coincident with the first 16 SCLK rising edges. The
instruction word provides the AD9789 serial control port with
information regarding the data transfer, which is the second
part of the communication cycle. The instruction word defines
whether the upcoming data transfer is a read or a write, the
number of bytes in the data transfer, and the starting register
address for the first byte of the data transfer.
Write
If the instruction word is for a write operation, the second part
of the communication cycle is the transfer of data into the serial
control port buffer of the AD9789. Data bits are registered on
the rising edge of SCLK.
The length of the transfer (one, two, or three bytes or streaming
mode) is indicated by two bits (N1 and N0) in the instruction byte.
When the transfer is one, two, or three bytes (but not streaming
mode), CS can be raised after each sequence of eight bits to stall
the bus, except after the last byte, where it ends the cycle. When
the bus is stalled, the serial transfer resumes when CS is lowered.
Raising CS on a nonbyte boundary resets the serial control port.
During a write, streaming mode does not skip reserved or blank
registers; therefore, the user must know what bit pattern to write
to the reserved registers to preserve proper operation of the
part. It does not matter what data is written to blank registers.
Most writes to the control registers immediately reconfigure the
device. However, Register 0x16 through Register 0x1D do not
directly control device operation. They provide data to internal
logic that must perform additional operations on the data before
it is downloaded and the device configuration is changed. For
any updates to Register 0x16 through Register 0x1D to take
effect, the FREQNEW bit (Register 0x1E[7]) must be set to 1
(this bit is self-clearing). Any number of bytes of data can be
changed before updating registers. Setting the FREQNEW bit
simultaneously updates Register 0x16 through Register 0x1D.
In a similar fashion, any changes to Register 0x22 and Register
0x23 require PARMNEW (Register 0x24[7]) to be toggled from
a low state to a high state before the new values take effect.
Unlike the FREQNEW bit, PARMNEW is not self-clearing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com