Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9789BBCZ Datasheet(PDF) 55 Page - Analog Devices

Part # AD9789BBCZ
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ Datasheet(HTML) 55 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 51Page - Analog Devices AD9789BBCZ Datasheet HTML 52Page - Analog Devices AD9789BBCZ Datasheet HTML 53Page - Analog Devices AD9789BBCZ Datasheet HTML 54Page - Analog Devices AD9789BBCZ Datasheet HTML 55Page - Analog Devices AD9789BBCZ Datasheet HTML 56Page - Analog Devices AD9789BBCZ Datasheet HTML 57Page - Analog Devices AD9789BBCZ Datasheet HTML 58Page - Analog Devices AD9789BBCZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 76 page
background image
AD9789
Rev. A | Page 55 of 76
INPUT DATA
DACCLK
4-SWITCH
DAC OUTPUT
(
fS MIX MODE)
4-SWITCH
DAC OUTPUT
(RETURN-TO-
ZERO MODE)
D1
D2
D3
D4
D5
D1
D2
D3
D4
D5
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D6
D6
D7
D7
D8
D8
D9
D9
D10
D10
t
–D10
–D1
–D6
–D5
–D2
–D3
–D4
–D9
–D8
–D7
t
Figure 105. Mix Mode and RZ Mode DAC Waveforms
Switching between analog modes reshapes the sinc roll-off
inherent at the DAC output. The performance and maximum
amplitude in all three Nyquist zones is affected by this sinc
roll-off depending on where the carrier is placed, as shown in
Figure 106.
0
–10
–5
–15
–20
–25
–30
–35
0
0.5
1.0
1.5
2.0
2.5
3.0
FREQUENCY (Hz)
FIRST
NYQUIST ZONE
SECOND
NYQUIST ZONE
THIRD
NYQUIST ZONE
NORMAL
MODE
RZ MODE
MIX MODE
Figure 106. Sinc Roll-Off for Each Analog Operating Mode (fS = 2 × DACCLK)
The RZ mode, with its lower but flat response, can be quite
useful for quick checks of system frequency response.
ANALOG CONTROL REGISTERS
The AD9789 includes registers for optimizing its analog
performance. These registers include noise reduction in the
output current mirror and output current mirror headroom
adjustments.
Mirror Roll-Off Frequency Control
Using the MSEL[1:0] bits (Register 0x36[1:0]), the user can
adjust the noise contribution of the internal current mirror to
optimize the 1/f noise. Figure 107 shows MSEL vs. the 1/f noise
with 20 mA full-scale current into a 50 Ω resistor.
FREQUENCY (kHz)
–110
–115
–120
–125
–130
–140
–135
110
100
MSEL = 11
MSEL = 10
MSEL = 01
MSEL = 00
Figure 107. 1/f Noise with Respect to MSEL Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com