Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9789BBCZ Datasheet(PDF) 63 Page - Analog Devices

Part # AD9789BBCZ
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ Datasheet(HTML) 63 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 59Page - Analog Devices AD9789BBCZ Datasheet HTML 60Page - Analog Devices AD9789BBCZ Datasheet HTML 61Page - Analog Devices AD9789BBCZ Datasheet HTML 62Page - Analog Devices AD9789BBCZ Datasheet HTML 63Page - Analog Devices AD9789BBCZ Datasheet HTML 64Page - Analog Devices AD9789BBCZ Datasheet HTML 65Page - Analog Devices AD9789BBCZ Datasheet HTML 66Page - Analog Devices AD9789BBCZ Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 76 page
background image
AD9789
Rev. A | Page 63 of 76
CUSTOMER BIST MODES
USING THE INTERNAL PRN GENERATOR TO TEST
QAM OUTPUT AC PERFORMANCE
The AD9789 can be configured to enable an on-chip pseudo-
random number (PRN) generator. The PRN output is connected
to the front end of the datapath and disconnects the datapath
from the input pins. In this way, the PRN generator can be used
in conjunction with the on-chip QAM encoder to generate a
QAM output. The PRN generator allows the user to measure
the ac performance of a QAM signal at the DAC output without
an external data source. To enable the internal PRN generator
via the serial port, follow these steps.
1.
Ensure that the clock is enabled and that the clock
common-mode level is set to its optimal value by setting
the registers in Table 80 to the values shown in the table.
Table 80. Register Settings to Configure the Clock
Register
Data
Description
0x30
0x80
Enable duty cycle correction.
0x31
0xF0
Set the common-mode level of CLKN:
CLKN_CML = 0xF.
0x32
0x9E
Set the common-mode level of CLKP:
CLKP_CML = 0xF. Set PSIGN = 0, NSIGN = 0.
Enable clock receiver (CLK_DIS = 1).
2.
Configure BIST mode for PRN generation and disconnect
the inputs by setting the registers in Table 81 to the values
shown in the table.
Table 81. Register Settings to Configure PRN Generation
Register
Setting
0x42
0x10
0x43
0x00
0x44
0x10
0x45
0x00
0x46
0x00
0x47
0x10
0x49
0x16
0x4B
0x17
0x4C
0x4E
0x4D
0x1F
0x05
0x0F
3.
Cycle the PARMNEW bit to ensure that the digital clocks
are active by first setting Register 0x24 to 0x00, and then
setting Register 0x24 to 0x80.
4.
Start PRN generation by setting the registers in Table 82 to
the values shown in the table.
Table 82. Register Settings to Start PRN Generation
Register
Setting
0x48
0xAB
0x4A
0xAB
0x40
0x56
After the PRN generator is started, users can freely configure
the datapath for their desired test configuration as long as
Register 0x40 to Register 0x55 are not modified.
To disable the PRN generator, write 0x00 to Register 0x40.
USING THE INTERNAL BUILT-IN SELF-TEST (BIST)
TO TEST FOR DIGITAL DATA INPUT CONNECTIVITY
The AD9789 includes an internal built-in self-test (BIST) engine
that processes incoming data and creates a signature that can be
read back via the serial port. This BIST feature can be configured
to observe the static state of the digital data input pins (L4 to
L12, M4 to M12, N5 to N12, and P5 to P12) and to reflect the
state of these pins via the signature registers (Register 0x50 to
Register 0x55). In this way, the user can verify digital data input
connectivity.
Testing Connectivity for LVDS Interface Mode
To test the connectivity of the digital data input pins in LVDS
interface mode, follow these steps.
1.
Ensure that the clock is enabled and that the clock
common-mode level is set to its optimal value by setting
the registers in Table 83 to the values shown in the table.
Table 83. Register Settings to Configure the Clock
Register
Data
Description
0x30
0x80
Enable duty cycle correction.
0x31
0xF0
Set the common-mode level of CLKN:
CLKN_CML = 0xF.
0x32
0x9E
Set the common-mode level of CLKP:
CLKP_CML = 0xF. Set PSIGN = 0, NSIGN = 0.
Enable clock receiver (CLK_DIS = 1).
2.
Cycle the PARMNEW bit to ensure that the digital clocks
are active by first setting Register 0x24 to 0x00, and then
setting Register 0x24 to 0x80.
3.
Configure the LVDS interface for high speed, 16-bit bus
width, 16-bit data width operation by setting the registers
in Table 84 to the values shown in the table.
Table 84. Register Settings for LVDS Interface
Register
Setting
0x20
0x08
0x21
0x41
0x22
0x1F
0x23
0x87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com