Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9789BBCZ Datasheet(PDF) 58 Page - Analog Devices

Part # AD9789BBCZ
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ Datasheet(HTML) 58 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 54Page - Analog Devices AD9789BBCZ Datasheet HTML 55Page - Analog Devices AD9789BBCZ Datasheet HTML 56Page - Analog Devices AD9789BBCZ Datasheet HTML 57Page - Analog Devices AD9789BBCZ Datasheet HTML 58Page - Analog Devices AD9789BBCZ Datasheet HTML 59Page - Analog Devices AD9789BBCZ Datasheet HTML 60Page - Analog Devices AD9789BBCZ Datasheet HTML 61Page - Analog Devices AD9789BBCZ Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 76 page
background image
AD9789
Rev. A | Page 58 of 76
Optimizing the Clock Common-Mode Voltage
In addition to the system that optimizes the handoff timing, an
additional system sets the common-mode voltage of the clock.
This system can be used to properly align the crossing point of
the CLKP and CLKN signals to ensure that the duty cycle of the
clock is set properly. Figure 115 shows how the common-mode
voltage of CLKP and CLKN is set. There are eight switches
controlled by the CLKP_CML bits (Register 0x32[4:1]) and the
CLKN_CML bits (Register 0x31[7:4]) for both the CLKP and
CLKN signals. The direction of the adjustment is determined by
the PSIGN and NSIGN bits (Register 0x32, Bit 5 and Bit 0). If
PSIGN and NSIGN are low, the common-mode voltage decreases
with CLKP_CML/CLKN_CML values. If PSIGN and NSIGN are
high, the common-mode voltage increases with CLKP_CML/
CLKN_CML values, as shown in Figure 116. With both
CLKP_CML and CLKN_CML set to 0, the feedback path forces
the common-mode voltage to be set to approximately 0.9 V. The
optimal ac performance occurs at a setting of −15 on both the
CLKP and CLKN offset bits.
CLKP/CLKN
CVDD18
CLKx_CML
SIGN = 0
CLKx_CML
SIGN = 1
Figure 115. Clock Common-Mode Control
1.10
1.05
1.00
0.95
0.90
0.85
0.80
0.75
0.70
–15 –13 –11 –9 –7 –5 –3 –1
1
3
5
7
9 11 13 15
OFFSET CODE
CLKP
CLKN
Figure 116. Common-Mode Voltage with Respect to CLKP_CML/CLKN_CML
and PSIGN/NSIGN
Clock Phase Noise Effects on AC Performance
The quality of the clock source driving the ADCLK914 deter-
mines the achievable ACLR performance of the AD9789.
Table 76 summarizes the close-in ACLR for a four-carrier
DOCSIS signal at 900 MHz with respect to various phase
noise profiles. (All ACLR values are specified in dBc.)
Table 76. Four-Carrier DOCSIS Close-In ACLR Performance
at 900 MHz for Various Phase Noise Profiles
Phase Noise (dBc)
Band
Profile 1
Profile 2
Profile 3
Profile 4
Spec
750 kHz
to 6 MHz
−71
−67.2
−62.4
−59.1
−60
6 MHz to
12 MHz
−70.9
−70.3
−67
−63.8
−63
12 MHz to
18 MHz
−71
−70.8
−70.8
−70.8
−65
Table 77 shows the phase noise at various offsets for each
profile. (All phase noise numbers are specified in dBc/Hz.)
Table 77. Phase Noise Summary for Each Profile
Phase Noise (dBc/Hz)
Offset1
Profile 1
Profile 2
Profile 3
Profile 4
2 kHz
−114.8
−112.8
−111.7
−111.2
20 kHz
−117.8
−115.5
−114.6
−113.8
200 kHz
−128.3
−118.9
−118.3
−116.8
2 MHz
−148.5
−127.9
−122.2
−117.9
20 MHz
−152.5
−149.9
−148
−145.7
1 At offsets less than 500 kHz, the measurement instrument dominates the
phase noise performance.
To meet the close-in ACLR requirements for four-carrier
DOCSIS, the phase noise found in Profile 3 is the minimum
requirement necessary.
MU DELAY CONTROLLER
The mu delay adjusts timing between the digital and analog
blocks. The mu delay controller receives phase relational
information between the digital and analog clock domains. The
control system continuously adjusts the mu delay to maintain
the desired phase relationship between the digital and analog
sections. A top level diagram of the mu delay within the DAC is
shown in Figure 117.
14-BIT
2.4GSPS
DAC
DIGITAL
CIRCUITRY
14
16
MU Φ
CONTROL
MU
Φ DET
MU
DELAY
16-BIT
DATA
DAC
CLOCK
Figure 117. Mu Delay Controller Block Diagram
The mu controller has two modes of operation: initial phase
search and phase tracking. In the phase search mode, the con-
troller looks for the initial mu delay value to use before going
into tracking mode. In tracking mode, the controller makes
adjustments to the initial mu delay value to keep the phase at
the desired value. The initial phase search is required because
multiple mu delay settings may result in the desired phase, but
the device may not operate correctly at all of those mu delay values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com