Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9789BBCZ Datasheet(PDF) 36 Page - Analog Devices

Part # AD9789BBCZ
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 32Page - Analog Devices AD9789BBCZ Datasheet HTML 33Page - Analog Devices AD9789BBCZ Datasheet HTML 34Page - Analog Devices AD9789BBCZ Datasheet HTML 35Page - Analog Devices AD9789BBCZ Datasheet HTML 36Page - Analog Devices AD9789BBCZ Datasheet HTML 37Page - Analog Devices AD9789BBCZ Datasheet HTML 38Page - Analog Devices AD9789BBCZ Datasheet HTML 39Page - Analog Devices AD9789BBCZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 76 page
background image
AD9789
Rev. A | Page 36 of 76
Table 38. Mu Delay Control 1 Register (Address 0x2F)
Bit
Bit Name
Description
7
SEARCH_TOL
This bit specifies the accuracy of the phase search. The optimal value for this bit is 1.
0 = not exact: the search can find a phase within two values of the desired phase.
1 = exact: the search finds the exact phase specified.
6
SEARCH_ERR
This bit configures the search behavior when an error is encountered.
0 = stop on error.
1 = retry on error.
5
TRACK_ERR
This bit configures the track behavior if the controller does not find the desired phase. The optimal value for
this bit is 0.
0 = continue on error.
1 = reset on error.
[4:0]
GUARDBAND[4:0]
These bits set the guard band value. The guard band is defined as follows:
GUARDBAND[4:0] × 8 = number of mu delay codes of guard band from the endpoints
If the search mode is alternating, the search proceeds in both directions until the guard band is reached in one
direction. When the guard band is reached, the search continues only in the opposite direction. If the desired
phase is not found before the guard band is reached in the second direction, the search reverts to the alternating
mode and continues looking within the guard band. The search fails if the mu delay reaches the endpoints.
For more information, see the Mu Delay Controller section.
Setting
Guard Band
00000
0
…
…
01011
11 (default)
…
…
11111
31
Table 39. Mu Control Duty Cycle Register (Address 0x30)
Bit
Bit Name
Description
7
Duty cycle
correct enable
Setting this bit to 1 turns on the mu control duty cycle correction circuitry. Turn on this function before
enabling the mu controller. Along with the phase comparator boost (enabled in Register 0x3E[5]), this
function allows for more robust operation of the mu controller over the entire operating speed of the part.
6
INC_DEC
Reserved (factory use only).
[5:0]
MANUAL_ADJ[5:0]
Reserved (factory use only).
Table 40. Clock Receiver 1 Register (Address 0x31)
Bit
Bit Name
Description
[7:4]
CLKN_CML[3:0]
These bits adjust the common-mode level at the CLKN pin. The recommended value for these bits and the
CLKP_CML[3:0] bits is 0xF. For more information, see the Optimizing the Clock Common-Mode Voltage section.
[3:0]
Reserved
Reserved.
Table 41. Clock Receiver 2 Register (Address 0x32)
Bit
Bit Name
Description
7
CLK_DIS
This bit disables or enables the clock receiver. When the AD9789 powers up, this bit is set to 0 to prevent
severe output noise that occurs on power-up with no clock. When the DAC clock is stable, set this bit to 1.
0 = disabled.
1 = enabled.
6
Reserved
Reserved (factory use only; leave at default value).
5
PSIGN
This bit specifies the sign for the CLKP_CML bits.
0 = negative (recommended).
1 = positive.
[4:1]
CLKP_CML[3:0]
These bits adjust the common-mode level at the CLKP pin. The recommended value for these bits and the
CLKN_CML[3:0] bits is 0xF. For more information, see the Optimizing the Clock Common-Mode Voltage section.
0
NSIGN
This bit specifies the sign for the CLKN_CML bits.
0 = negative (recommended).
1 = positive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com