Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9789BBCZ Datasheet(PDF) 33 Page - Analog Devices

Part # AD9789BBCZ
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 29Page - Analog Devices AD9789BBCZ Datasheet HTML 30Page - Analog Devices AD9789BBCZ Datasheet HTML 31Page - Analog Devices AD9789BBCZ Datasheet HTML 32Page - Analog Devices AD9789BBCZ Datasheet HTML 33Page - Analog Devices AD9789BBCZ Datasheet HTML 34Page - Analog Devices AD9789BBCZ Datasheet HTML 35Page - Analog Devices AD9789BBCZ Datasheet HTML 36Page - Analog Devices AD9789BBCZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 76 page
background image
AD9789
Rev. A | Page 33 of 76
The two interpolating BPF center frequency registers together compose the 16-bit center frequency of the 16× band-pass interpolation
filter. For more information about programming these registers, see the Digital 16× Tunable Band-Pass Filter section.
Table 28. Interpolating BPF Center Frequency Registers (Address 0x1C and Address 0x1D)
Address
Bit Name
Description
0x1C
FC[7:0]
Center frequency, Bits[7:0]
0x1D
FC[15:8]
Center frequency, Bits[15:8]
Table 29. Frequency Update Register (Address 0x1E)
Bit
Name
Description
7
FREQNEW
Setting this bit to 1 updates the derived registers in the AD9789. This bit must be set for changes to Register 0x16
through Register 0x1D to take effect. This self-clearing bit is reset to 0 after the derived registers are updated.
[6:0]
Reserved
Reserved.
Table 30. Hardware Version Register (Address 0x1F)
Bit
Name
Description
[7:4]
Reserved
Reserved.
[3:0]
VER[3:0]
This read-only register indicates the version of the chip (0011).
Table 31. Interface Configuration Register (Address 0x20)
Bit
Bit Name
Description
7
CMOS_BUS
This bit reflects the state of the CMOS_BUS pin (L14).
6
CMOS_CTRL
This bit reflects the state of the CMOS_CTRL pin (M14).
5
Reserved
Reserved.
4
DCO_INV
When set to 1, the DCO pin is inverted.
3
IF_MODE
This bit sets the data interface mode.
0 = channelizer mode. Supports all available interface widths and 8- and 16-bit word widths. Supports maximum
fBAUD of fDAC/48.
1 = quadrature digital upconverter (QDUC) mode. Supports 32-bit interface, 16-bit word mode only. Supports
maximum fBAUD of fDAC/16.
2
CHANPRI
This bit selects the channel prioritization value (used in channelizer mode only).
0 = device expects input samples only for those channels that are enabled.
1 = device expects data for all four channels. Data for disabled channels is expected and must be sent, but this
data is discarded by the AD9789.
[1:0]
PAR[1:0]
These bits set the parity checking. For more information, see the Parity section.
Setting
Parity Checking
00
Parity checking deactivated
01
IQ parity (a value of 0 is expected on the I channel and a value of 1 is expected on the
Q channel)
10
Even parity
11
Odd parity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com