Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9789BBCZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD9789BBCZ
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 17Page - Analog Devices AD9789BBCZ Datasheet HTML 18Page - Analog Devices AD9789BBCZ Datasheet HTML 19Page - Analog Devices AD9789BBCZ Datasheet HTML 20Page - Analog Devices AD9789BBCZ Datasheet HTML 21Page - Analog Devices AD9789BBCZ Datasheet HTML 22Page - Analog Devices AD9789BBCZ Datasheet HTML 23Page - Analog Devices AD9789BBCZ Datasheet HTML 24Page - Analog Devices AD9789BBCZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
AD9789
Rev. A | Page 21 of 76
1100
1000
900
800
700
600
500
400
300
200
100
0
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
fDAC (GHz)
AVDD33
DVDD33 (LVDS)
DVDD33 (CMOS)
DVDD18
DVDD15
CVDD18
Figure 57. Power Dissipation by Supply vs. fDAC, 4-Channel DOCSIS, fOUT = 915 MHz,
Full-Scale Current = 25 mA (Datapath Configuration: QAM Encoder On,
SRRC Filter On, Four 2× Interpolation Filters On)
700
600
500
400
300
200
100
0
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
fDAC (GHz)
AVDD33
DVDD33 (LVDS)
DVDD33 (CMOS)
DVDD18
DVDD15
CVDD18
Figure 58. Power Dissipation by Supply vs. fDAC, 16× Interpolation,
One Channel Enabled, fOUT = 70 MHz, Full-Scale Current = 20 mA
200
180
160
140
120
100
80
60
40
20
0
8
10
1214
16
1820
22
24
26
283032
FULL-SCALE CURRENT (mA)
AVDD33
Figure 59. AVDD33 Power Dissipation vs. Full-Scale Current
2000
1800
1600
1400
1200
1000
800
600
400
200
0
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
fDAC (GHz)
TOTAL (CMOS)
TOTAL (LVDS)
Figure 60. Total Power Dissipation vs. fDAC, 4-Channel DOCSIS, fOUT = 915 MHz,
Full-Scale Current = 25 mA (Datapath Configuration: QAM Encoder On,
SRRC Filter On, Four 2× Interpolation Filters On)
1400
1200
1000
800
600
400
200
0
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
fDAC (GHz)
TOTAL (CMOS)
TOTAL (LVDS)
Figure 61. Total Power Dissipation vs. fDAC, 16× Interpolation,
One Channel Enabled, fOUT = 70 MHz, Full-Scale Current = 20 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com