Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9789BBCZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD9789BBCZ
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 25Page - Analog Devices AD9789BBCZ Datasheet HTML 26Page - Analog Devices AD9789BBCZ Datasheet HTML 27Page - Analog Devices AD9789BBCZ Datasheet HTML 28Page - Analog Devices AD9789BBCZ Datasheet HTML 29Page - Analog Devices AD9789BBCZ Datasheet HTML 30Page - Analog Devices AD9789BBCZ Datasheet HTML 31Page - Analog Devices AD9789BBCZ Datasheet HTML 32Page - Analog Devices AD9789BBCZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 76 page
background image
AD9789
Rev. A | Page 29 of 76
SPI REGISTER DESCRIPTIONS
Table 12. SPI Control Register (Address 0x00)
Bit
Bit Name
Description
7
SDIO_DIR
This bit configures the SDIO pin as an input-only pin or as a bidirectional input/output pin. Both choices conform
to the SPI standard.
0 = input only.
1 = bidirectional (input/output).
6
LSBFIRST
This bit configures the SPI interface for MSB first or LSB first mode. Both choices conform to the SPI standard.
0 = MSB first.
1 = LSB first.
5
RESET
When set to 1, this bit resets the part. After the part is reset, 0 is written to this bit on the next cycle.
0 = no reset.
1 = software reset.
4
LNG_INST
This bit sets the SPI to long instruction mode; 1 is the only valid value.
[3:0]
These bits should mirror Bits[7:4]. Bit 3 should mirror Bit 4, Bit 2 should mirror Bit 5, Bit 1 should mirror Bit 6, and
Bit 0 should mirror Bit 7.
Table 13. Saturation Counter Register (Address 0x01)
Bit
Bit Name
Description
[7:0]
SATCNT[7:0]
This read-only register contains the saturation counter. This register reflects the number of samples at the output of
the SUMSCALE gain block that overrange the datapath and are digitally clipped. The count is cleared by writing
a 1 to Register 0x04, Bit 1.
Table 14. Parity Counter Register (Address 0x02)
Bit
Bit Name
Description
[7:0]
PARCNT[7:0]
This read-only register contains the input data parity error counter. The count is cleared by writing a 1 to
Register 0x04, Bit 7.
Table 15. Interrupt Enable Register (Address 0x03)
Bit
Name
Description
7
PARERR
Setting this bit to 1 enables a PARERR flag to generate an interrupt request. Generating an interrupt request
results in Interrupt Bit 7 being set in Register 0x04 and the IRQ pin going low.
6
BISTDONE
Setting this bit to 1 enables a BISTDONE flag to generate an interrupt request. Generating an interrupt request
results in Interrupt Bit 6 being set in Register 0x04 and the IRQ pin going low.
5
PARMSET
Setting this bit to 1 enables a PARMS_SET flag to generate an interrupt request. Generating an interrupt request
results in Interrupt Bit 5 being set in Register 0x04 and the IRQ pin going low.
4
PARMCLR
Setting this bit to 1 enables a PARMS_CLR flag to generate an interrupt request. Generating an interrupt request
results in Interrupt Bit 4 being set in Register 0x04 and the IRQ pin going low.
3
LOCKACQ
Setting this bit to 1 enables a LOCKACQ flag to generate an interrupt request. Generating an interrupt request
results in Interrupt Bit 3 being set in Register 0x04 and the IRQ pin going low.
2
LOCKLOST
Setting this bit to 1 enables a LOCKLOST flag to generate an interrupt request. Generating an interrupt request
results in Interrupt Bit 2 being set in Register 0x04 and the IRQ pin going low.
1
SATERR
Setting this bit to 1 enables a SATERR (overflow into 16× interpolator) flag to generate an interrupt request.
Generating an interrupt request results in Interrupt Bit 1 being set in Register 0x04 and the IRQ pin going low.
0
Reserved
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com