Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9789BBCZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD9789BBCZ
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 20Page - Analog Devices AD9789BBCZ Datasheet HTML 21Page - Analog Devices AD9789BBCZ Datasheet HTML 22Page - Analog Devices AD9789BBCZ Datasheet HTML 23Page - Analog Devices AD9789BBCZ Datasheet HTML 24Page - Analog Devices AD9789BBCZ Datasheet HTML 25Page - Analog Devices AD9789BBCZ Datasheet HTML 26Page - Analog Devices AD9789BBCZ Datasheet HTML 27Page - Analog Devices AD9789BBCZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 76 page
background image
AD9789
Rev. A | Page 24 of 76
Read
If the instruction word is for a read operation, the next N × 8
SCLK cycles clock out the data from the address specified in the
instruction word, where N is 1 to 3 as determined by Bits[N1:N0].
If N = 4, the read operation is in streaming mode, continuing
until CS is raised. Streaming mode does not skip over reserved
or blank registers. The readback data is valid on the falling edge
of SCLK.
The default mode of the AD9789 serial control port is the uni-
directional mode. In unidirectional mode, the readback data
appears on the SDO pin. It is also possible to set the AD9789 to
bidirectional mode using the SDIO_DIR bit (Register 0x00[7]).
In bidirectional mode, both the sent data and the readback data
appear on the SDIO pin.
A readback request reads the data that is in the serial control port
buffer area or the data in the active registers (see Figure 63).
The AD9789 supports only the long instruction mode; therefore,
Register 0x00[4:3] reads 11 (this register uses mirrored bits).
Long instruction mode is the default at power-up or reset, and
writing to these bits has no effect.
The AD9789 uses Register Address 0x00 to Register Address 0x55.
SERIAL
CONTROL
PORT
SCLK
SDO
SDIO
CS
FREQNEW
WRITE REGISTER 0x1E = 0x10
TO UPDATE REGISTERS
Figure 63. Relationship Between Serial Control Port Buffer Registers and
Active Registers of the AD9789
INSTRUCTION WORD (16 BITS)
The MSB of the instruction word is R/W, which indicates
whether the instruction is a read or a write. The next two bits,
N1 and N0, indicate the length of the transfer in bytes. The final
13 bits (Bits[A12:A0]) are the address at which to begin the read
or write operation.
For a write, the instruction word is followed by the number of
bytes of data indicated by Bits[N1:N0] (see Table 7).
Table 7. Byte Transfer Count
N1
N0
Bytes to Transfer
0
0
1
0
1
2
1
0
3
1
1
Streaming mode
Bits[A12:A0] select the address within the register map that is
written to or read from during the data transfer portion of the
communication cycle. Only Bits[A6:A0] are needed to cover the
range of the 0x55 registers used by the AD9789. Bits[A12:A7]
must always be 0. For multibyte transfers, this address is the
starting byte address. In MSB first mode, subsequent bytes
increment the address.
MSB/LSB FIRST TRANSFERS
The AD9789 instruction word and byte data can be MSB first or
LSB first. Any data written to Register 0x00 must be mirrored,
the upper four bits (Bits[7:4]) with the lower four bits (Bits [3:0]).
This makes it irrelevant whether LSB first or MSB first is in
effect. As an example of this mirroring, the default setting for
Register 0x00[7:0] is 0x18, which mirrors Bit 4 and Bit 3. These
bits set the long instruction mode (the default and the only
mode supported). The default for the AD9789 is MSB first.
When LSB first is set by Register 0x00[1] and Register 0x00[6],
it takes effect immediately. In multibyte transfers, subsequent
bytes reflect any changes in the serial port configuration.
When MSB first mode is active, the instruction and data bytes
must be written from MSB to LSB. Multibyte data transfers in
MSB first format start with an instruction byte that includes the
register address of the most significant data byte. Subsequent
data bytes must follow in order from the high address to the low
address. In MSB first mode, the serial control port internal
address generator decrements for each data byte of the multi-
byte transfer cycle.
When LSB first mode is active, the instruction and data bytes
must be written from LSB to MSB. Multibyte data transfers in
LSB first format start with an instruction byte that includes the
register address of the least significant data byte followed by
multiple data bytes. The internal byte address generator of the
serial control port increments for each byte of the multibyte
transfer cycle.
The AD9789 serial control port register address decrements
from the register address just written toward 0x00 for multibyte
I/O operations if the MSB first mode is active (default). If the
LSB first mode is active, the register address of the serial control
port increments from the address just written toward 0x55 for
multibyte I/O operations.
Streaming mode always terminates when it reaches Address 0x2F.
Note that unused addresses are not skipped during multibyte I/O
operations.
Table 8. Streaming Mode (No Addresses Are Skipped)
Write Mode
Address Direction
Stop Sequence
LSB First
Increment
0x02D, 0x02E, 0x02F, stop
MSB First
Decrement
0x001, 0x000, 0x02F, stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com