Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9789BBCZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD9789BBCZ
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 15Page - Analog Devices AD9789BBCZ Datasheet HTML 16Page - Analog Devices AD9789BBCZ Datasheet HTML 17Page - Analog Devices AD9789BBCZ Datasheet HTML 18Page - Analog Devices AD9789BBCZ Datasheet HTML 19Page - Analog Devices AD9789BBCZ Datasheet HTML 20Page - Analog Devices AD9789BBCZ Datasheet HTML 21Page - Analog Devices AD9789BBCZ Datasheet HTML 22Page - Analog Devices AD9789BBCZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 76 page
background image
AD9789
Rev. A | Page 19 of 76
CENTER 834.00MHz
RES BW 30kHz
VBW 300kHz
SPAN 18MHz
SWEEP 58.4ms (601 PTS)
ATTEN 2dB
REF –35.96dBm
FREQ.
LOWER
UPPER
OFFSET
REF BW
dBc
dBm
dBc
dBm
CARRIER POWER
–23.62dBm/
6.00000MHz
RMS RESULTS
3.375MHz 750.0kHz
–72.95 –96.56
–10.86 –34.48
6.375MHz 5.250MHz –69.38 –92.99
–0.51
–24.13
Figure 46. Zoomed 4-Channel QAM ACLR, fOUT = 840 MHz, Temperature =
25°C, Sum Scale = 20, Full-Scale Current = 25 mA, Span = 18 MHz, Channel 1
50
48
46
44
42
40
38
36
34
32
30
50
150
250
350
450
550
650
750
850
950
fOUT (MHz)
+25°C
+85°C
–40°C
Figure 47. Modulation Error Ratio, Equalized, 1-Channel 256-QAM,
fDAC = 2.29376 GHz, Full-Scale Current = 20 mA, Sum Scale = 48
(Equalization Filter from Demodulation Toolbox on Spectrum Analyzer Used)
50
48
46
44
42
40
38
36
34
32
30
50
150
250
350
450
550
650
750
850
950
fOUT (MHz)
+25°C
+85°C
–40°C
Figure 48. Modulation Error Ratio, Unequalized, 1-Channel 256-QAM,
fDAC = 2.29376 GHz, Full-Scale Current = 20 mA, Sum Scale = 48
CENTER 852.00MHz
RES BW 30kHz
VBW 300kHz
SPAN 18MHz
SWEEP 58.4ms (601 PTS)
ATTEN 2dB
REF –35.96dBm
FREQ.
LOWER
UPPER
OFFSET
REF BW
dBc
dBm
dBc
dBm
CARRIER POWER
–23.20dBm/
6.00000MHz
RMS RESULTS
3.375MHz 750.0kHz
–11.20 –34.40
–74.44 –97.64
6.375MHz 5.250MHz –0.77
–23.96
–69.07 –92.26
Figure 49. Zoomed 4-Channel QAM ACLR, fOUT = 840 MHz, Temperature =
25°C, Sum Scale = 20, Full-Scale Current = 25 mA, Span = 18 MHz, Channel 4
50
48
46
44
42
40
38
36
34
32
30
50
150
250
350
450
550
650
750
850
950
fOUT (MHz)
+25°C
+85°C
–40°C
Figure 50. Modulation Error Ratio, Equalized, 4-Channel 256-QAM,
fDAC = 2.29376 GHz, Full-Scale Current = 25 mA, Sum Scale = 20
(Equalization Filter from Demodulation Toolbox on Spectrum Analyzer Used)
50
48
46
44
42
40
38
36
34
32
30
50
150
250
350
450
550
650
750
850
950
fOUT (MHz)
+25°C
+85°C
–40°C
Figure 51. Modulation Error Ratio, Unequalized, 4-Channel 256-QAM,
fDAC = 2.29376 GHz, Full-Scale Current = 25 mA, Sum Scale = 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com