Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9789BBCZ Datasheet(PDF) 43 Page - Analog Devices

Part # AD9789BBCZ
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 39Page - Analog Devices AD9789BBCZ Datasheet HTML 40Page - Analog Devices AD9789BBCZ Datasheet HTML 41Page - Analog Devices AD9789BBCZ Datasheet HTML 42Page - Analog Devices AD9789BBCZ Datasheet HTML 43Page - Analog Devices AD9789BBCZ Datasheet HTML 44Page - Analog Devices AD9789BBCZ Datasheet HTML 45Page - Analog Devices AD9789BBCZ Datasheet HTML 46Page - Analog Devices AD9789BBCZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 76 page
background image
AD9789
Rev. A | Page 43 of 76
The calculated FTW for each channel should be entered into
the register locations listed in Table 52.
Table 52. Register Locations of FTWs for Each Channel
FTW
Channel 0
Channel 1
Channel 2
Channel 3
[23:16]
Reg. 0x0C
Reg. 0x0F
Reg. 0x12
Reg. 0x15
[15:8]
Reg. 0x0B
Reg. 0x0E
Reg. 0x11
Reg. 0x14
[7:0]
Reg 0x0A
Reg 0x0D
Reg 0x10
Reg 0x13
The FTW sets the frequency of the sine and cosine signals
generated by the numerically controlled oscillator (NCO).
The complex output from the NCO is multiplied by the input
datapath signal to modulate the signal to the desired output
frequency. A conceptual block diagram of the baseband digital
upconverter is shown in Figure 84.
SIN
COS
FTW NCO FREQUENCY
TUNING WORD
24
Figure 84. Conceptual Block Diagram of the Baseband Digital Upconverter
Individual Channel Scalar
The last block in the datapath is an 8-bit scalar (Register 0x25 to
Register 0x28) intended for compensating out any sampling and
hardware roll-offs that may be encountered. The scale factor
applied to each channel is calculated as follows:
128
:0]
7
CHANxGAIN[
r
ScaleFacto =
The range of the channel gain is 0 to 1.9921875 with a step size
of 0.0078125. An individual channel can be easily and quickly
muted, if desired, by setting the scale factor to 0.
Table 53. Register Locations for Channel Gain Scalar
CHANxGAIN
Channel 0
Channel 1
Channel 2
Channel 3
[7:0]
Reg. 0x25
Reg. 0x26
Reg. 0x27
Reg. 0x28
The default value of the channel gain provides a scale factor of
1. As shown in Figure 85, the output of the input scalar block is
rounded to the nearest 16-bit value. If the output exceeds the
maximum or minimum value, it is clipped to either positive or
negative full scale (0x7FFF or 0x8000).
ROUND
SATURATE
CHANxGAIN[7:0]
8
Figure 85. Individual Channel Gain Control
DIGITAL BLOCK UPCONVERTER
The second half of the DSP engine on the AD9789 combines the
outputs of the four datapaths into one block, scales the block of
channels, interpolates by 16× to the full DAC rate, and performs
a band-pass filter operation allowing the block of channels to be
placed anywhere in the Nyquist bandwidth of the DAC.
DATA-
PATH
0
DATA-
PATH
1
DATA-
PATH
2
DATA-
PATH
3
SUM
SCALE
BPF
fC
DIGITAL BLOCK
UPCONVERTER
BPF
fC = 0 TO
fDAC/2
Figure 86. Functional Block Diagram of the Digital Block Upconverter
Each block of the digital block upconverter is described in more
detail in the following sections.
Summing Junction Scalar
The summing junction scalar block operates on the sum of the
four channels. The value of SUMSCALE[7:0] is programmed in
Register 0x08. The scale factor applied to the data is calculated
as follows:
64
:0]
SUMSCALE[7
r
ScaleFacto =
This factor provides a scaling range of the input data from 0 to
3.984375 with a step size of 0.015625. The default value of 0x0D
provides a scale factor of 0.203125. Note that when the channels
are summed, they are clipped at the output of the summing
junction scalar block if the value exceeds the maximum or
minimum full-scale value (0x7FFF or 0x8000). If the full 16-bit
range of each individual channel is used, the sum scalar should
be set to 0x10 (0.25) to avoid the possibility of clipping.
ROUND
SATURATE
SUMSCALE
REGISTER 0x08
TO SATURATION COUNTER
SATERR
REGISTER 0x03[1]
8
Figure 87. Block Diagram of the Summing Junction Scalar
In practice, the signal-to-noise ratio (SNR) of the channel can
be improved by increasing the sum scale factor and permitting
a small amount of clipping. The larger signal amplitude can
improve the SNR if the clipping is brief and infrequent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com