Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9789BBCZ Datasheet(PDF) 45 Page - Analog Devices

Part # AD9789BBCZ
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ Datasheet(HTML) 45 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 41Page - Analog Devices AD9789BBCZ Datasheet HTML 42Page - Analog Devices AD9789BBCZ Datasheet HTML 43Page - Analog Devices AD9789BBCZ Datasheet HTML 44Page - Analog Devices AD9789BBCZ Datasheet HTML 45Page - Analog Devices AD9789BBCZ Datasheet HTML 46Page - Analog Devices AD9789BBCZ Datasheet HTML 47Page - Analog Devices AD9789BBCZ Datasheet HTML 48Page - Analog Devices AD9789BBCZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 76 page
background image
AD9789
Rev. A | Page 45 of 76
DIGITAL INTERFACE MODES
The AD9789 can be configured for two main digital interface
modes of operation:
•
Channelizer mode
•
Quadrature digital upconverter (QDUC ) mode
In channelizer mode (Register 0x20[3] = 0), the interface can be
configured for 4- to 32-bit bus widths and can accept up to four
channels of complex data. Any of the signal processing blocks in
the digital datapath can be used. The maximum baud rate
supported in channelizer mode is fDAC/48.
In QDUC mode (Register 0x20[3] = 1), the interface is fixed at
a 32-bit bus width and one channel of complex data. The available
signal processing methods are interpolation (16× to 512×), rate
conversion (0.5 to 1.0), and complex modulation. The maximum
baud rate supported in QDUC mode is fDAC/16.
In both channelizer and QDUC modes, the input data bus
can be configured to accept LVDS or CMOS data via the
CMOS_BUS pin (L14). If CMOS_BUS is pulled to 3.3 V, the
data bus is configured to accept CMOS inputs (D[31:0], P0,
and P1). If CMOS_BUS is pulled to 0 V, the bus is configured
to accept LVDS inputs (D[15:0]P, D[15:0]N, PARP, and PARN).
Two output signals are used to source data into the AD9789.
The first is the data clock output signal (DCO), which is
provided to clock data from the digital data source. DCO is a
divided-down version of DACCLK. The second is the frame sync
signal (FS), which is provided to request a new data-word. The
average frequency of the FS signal is equal to the symbol rate or
baud rate of the data. As with the input data bus, the DCO and
FS signals can be configured as LVDS or CMOS outputs via the
CMOS_CTRL pin (M14). If CMOS_CTRL is pulled to 3.3 V,
DCO and FS are output as CMOS signals on the P14 and N14
pins (CMOS_DCO and CMOS_FS), respectively. If CMOS_CTRL
is pulled to 0 V, DCO and FS are output as LVDS signals on the
N13, P13, L13, and M13 pins (DCOP, DCON, FSP, and FSN),
respectively.
Channelizer Mode
In channelizer mode, the digital interface has programmable
bus width, data width, and data format. The bus width, which is
the physical width of the digital data bus at the input of the
AD9789, can be set to a 4-, 8-, 16-, or 32-bit wide interface. The
data width, which is the internal width of the data at the input
to the digital datapath, can be set to an 8-bit or 16-bit word. The
data format can be programmed for real or complex data. A list
of supported interface modes is shown in Table 55.
UP TO
32 BITS
CMOS
0TO 15
LVDS
RISE
CMOS
16 TO 31
LVDS
FALL
UP TO
32 BITS
UP TO
32 BITS
UP TO
32 BITS
P0
P1
FS
DCO
SUM
SCALE
BPF
fC
CLK
CTL
fDAC
BPF
fC = 0 TO
fDAC/2
fDAC
16
fDAC
16 TO 1024
32
DATA-
PATH
0
DATA-
PATH
1
DATA-
PATH
2
DATA-
PATH
3
Figure 92. Channelizer Mode
Table 55. Interface Configurations Supported
in Channelizer Mode
First Input
Block Enabled
Bus Width
Reg. 0x21[6:5]
Data Width
Reg. 0x21[4]
Data Format
Reg. 0x21[3]
QAM Encoder
32 bits
8 bits
Real
16 bits
8 bits
Real
8 bits
8 bits
Real
4 bits
8 bits
Real
SRRC Filter
32 bits
8 bits
Complex
16 bits
8 bits
Complex
8 bits
8 bits
Complex
4 bits
8 bits
Complex
Interpolation
32 bits
16 bits
Complex
Filter
16 bits
16 bits
Complex
8 bits
16 bits
Complex
If the QAM encoder is the first block enabled in the datapath,
the data width should be set to an 8-bit word and real data
format. If the SRRC filter is the first block enabled in the
datapath, the data width should be set to an 8-bit word and
complex data format. If both the QAM encoder and the SRRC
filters are bypassed, the data width should be set to a 16-bit
word and complex data format.
Pin Mapping in Channelizer Mode
In CMOS mode (CMOS_BUS and CMOS_CTRL pins = 3.3 V),
the various interface width options are mapped to the AD9789
input pins as shown in Table 56.
Table 56. CMOS Pin Assignments for Various Interface Widths
Interface Width
Pin Assignments
BUSWDTH[1:0]
4 bits
D[3:0]
00
8 bits
D[7:0]
01
16 bits
D[15:0]
10
32 bits
D[31:0]
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com