Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9789BBCZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9789BBCZ
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 3Page - Analog Devices AD9789BBCZ Datasheet HTML 4Page - Analog Devices AD9789BBCZ Datasheet HTML 5Page - Analog Devices AD9789BBCZ Datasheet HTML 6Page - Analog Devices AD9789BBCZ Datasheet HTML 7Page - Analog Devices AD9789BBCZ Datasheet HTML 8Page - Analog Devices AD9789BBCZ Datasheet HTML 9Page - Analog Devices AD9789BBCZ Datasheet HTML 10Page - Analog Devices AD9789BBCZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
AD9789
Rev. A | Page 7 of 76
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
ADJACENT CHANNEL LEAKAGE RATIO (ACLR)
fDAC = 2293.76 MSPS measured in 6 MHz
channels
1-Channel QAM
fOUT = 200 MHz (Harmonics)
−76
dBc
fOUT = 200 MHz (Noise Floor)
−82
dBc
fOUT = 500 MHz (Harmonics)
−74.5
dBc
fOUT = 500 MHz (Noise Floor)
−78
dBc
fOUT = 800 MHz (Harmonics)
−69
dBc
fOUT = 800 MHz (Noise Floor)
−78
dBc
2-Channel QAM
fOUT = 200 MHz (Harmonics)
−77.5
dBc
fOUT = 200 MHz (Noise Floor)
−81
dBc
fOUT = 500 MHz (Harmonics)
−68
dBc
fOUT = 500 MHz (Noise Floor)
−76
dBc
fOUT = 800 MHz (Harmonics)
−66
dBc
fOUT = 800 MHz (Noise Floor)
−76
dBc
4-Channel QAM
fOUT = 200 MHz (Harmonics)
−75
dBc
fOUT = 200 MHz (Noise Floor)
−76
dBc
fOUT = 500 MHz (Harmonics)
−69
dBc
fOUT = 500 MHz (Noise Floor)
−72
dBc
fOUT = 800 MHz (Harmonics)
−67
dBc
fOUT = 800 MHz (Noise Floor)
−72
dBc
WCDMA ACLR
fDAC = 2304 MSPS, mix mode second
Nyquist zone
Single Carrier
fOUT = 1850 MHz
First Adjacent Channel
−70
dBc
Second Alternate Channel
−72.5
dBc
Third Alternate Channel
−74
dBc
Single Carrier
fOUT = 2100 MHz
First Adjacent Channel
−68
dBc
Second Alternate Channel
−70.4
dBc
Third Alternate Channel
−72.7
dBc
Four Carrier
fOUT = 2100 MHz
First Adjacent Channel
−63.5
dBc
Second Alternate Channel
−65.1
dBc
Third Alternate Channel
−66.9
dBc
1 Adjusted DAC update rate is calculated as fDAC divided by the minimum required interpolation factor. For the AD9789, the minimum interpolation factor is 16. Thus,
with fDAC = 2400 MSPS, FDACadj = 2400 MSPS/16 = 150 MSPS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com