Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9789BBCZ Datasheet(PDF) 64 Page - Analog Devices

Part # AD9789BBCZ
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ Datasheet(HTML) 64 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 60Page - Analog Devices AD9789BBCZ Datasheet HTML 61Page - Analog Devices AD9789BBCZ Datasheet HTML 62Page - Analog Devices AD9789BBCZ Datasheet HTML 63Page - Analog Devices AD9789BBCZ Datasheet HTML 64Page - Analog Devices AD9789BBCZ Datasheet HTML 65Page - Analog Devices AD9789BBCZ Datasheet HTML 66Page - Analog Devices AD9789BBCZ Datasheet HTML 67Page - Analog Devices AD9789BBCZ Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 76 page
background image
AD9789
Rev. A | Page 64 of 76
4.
Configure pin mode by setting the registers in Table 85 to
the values shown in the table.
Table 85. Register Settings to Configure Pin Modes
Register
Setting
0x42
0x00
0x43
0x08
0x44
0x00
0x45
0x08
0x46
0x00
0x47
0x10
0x49
0x1C
0x4B
0x1C
0x4C
0x00
0x4D
0x00
5.
Cycle the PARMNEW bit to ensure that the interface
configuration was updated by first setting Register 0x24
to 0x00, and then setting Register 0x24 to 0x80.
6.
Apply static LVDS data to the input ports.
7.
Enable the BIST pin test by setting the registers in Table 86
to the values shown in the table.
Table 86. Register Settings for BIST Pin Test
Register
Setting
0x48
0x80
0x4A
0x80
0x40
0x55
8.
Read back the signature registers (Register 0x50 to
Register 0x55) to determine the pin states (see Table 87).
Table 87. Signature Register Settings
Register
Associated LVDS Pairs
0x50
Data bits D[7:0]
0x51
Data bits D[15:8]
0x52
Parity PAR
0x53
Data bits D[7:0] (repeated)
0x54
Data bits D[15:8] (repeated)
0x55
Parity PAR (repeated)
Testing Connectivity for CMOS Interface Mode
To test the connectivity of the digital data input pins in CMOS
interface mode, follow these steps.
1.
Ensure that the clock is enabled and that the clock
common-mode level is set to its optimal value by setting
the registers in Table 88 to the values shown in the table.
Table 88. Register Settings to Configure the Clock
Register
Data
Description
0x30
0x80
Enable duty cycle correction.
0x31
0xF0
Set the common-mode level of CLKN:
CLKN_CML = 0xF.
0x32
0x9E
Set the common-mode level of CLKP:
CLKP_CML = 0xF. Set PSIGN = 0, NSIGN = 0.
Enable clock receiver (CLK_DIS = 1).
2.
Cycle the PARMNEW bit to ensure that the digital clocks
are active by first setting Register 0x24 to 0x00, and then
setting Register 0x24 to 0x80.
3.
Configure the CMOS interface for high speed, 32-bit bus
width, 16-bit data width operation by setting the registers
in Table 89 to the values shown in the table.
Table 89. Register Settings for CMOS Interface
Register
Setting
0x20
0x08
0x21
0x61
0x22
0x1F
0x23
0x87
4.
Configure pin mode by setting the registers in Table 90 to
the values shown in the table.
Table 90. Register Settings to Configure Pin Modes
Register
Setting
0x42
0x00
0x43
0x08
0x44
0x00
0x45
0x08
0x46
0x00
0x47
0x10
0x49
0x1C
0x4B
0x1C
0x4C
0x00
0x4D
0x00
5.
Cycle the PARMNEW bit to ensure that the interface
configuration was updated by first setting Register 0x24
to 0x00, and then setting Register 0x24 to 0x80.
6.
Apply static CMOS data to the input ports.
7.
Enable the BIST pin test by setting the registers in Table 91
to the values shown in the table.
Table 91. Register Settings for BIST Pin Test
Register
Setting
0x48
0x80
0x4A
0x80
0x40
0x55
8.
Read back the signature registers (Register 0x50 to Register
0x55) to determine the pin states (see Table 92).
Table 92. Signature Register Settings
Register
Associated CMOS Pairs
0x50
Data bits D[23:16]
0x51
Data bits D[31:24]
0x52
Parity P1
0x53
Data bits D[7:0]
0x54
Data bits [D15:8]
0x55
Parity P0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com