Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9789BBCZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD9789BBCZ
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 6Page - Analog Devices AD9789BBCZ Datasheet HTML 7Page - Analog Devices AD9789BBCZ Datasheet HTML 8Page - Analog Devices AD9789BBCZ Datasheet HTML 9Page - Analog Devices AD9789BBCZ Datasheet HTML 10Page - Analog Devices AD9789BBCZ Datasheet HTML 11Page - Analog Devices AD9789BBCZ Datasheet HTML 12Page - Analog Devices AD9789BBCZ Datasheet HTML 13Page - Analog Devices AD9789BBCZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
AD9789
Rev. A | Page 10 of 76
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
A1, A2, A3, A6, A9, A10, A11,
B1, B2, B3, B6, B7, B8, B9,
B10, B11, C2, C3, C6, C7, C8,
C9, C10, C11, D2, D3, D6, D7,
D8, D9, D10, D11, E1, E2, E3,
E4, E13, E14, F1, F2, F3, F4,
F11, F12, F13, F14
AVSS
Analog Supply Ground.
A4, A5, B4, B5, C4, C5, D4, D5
CVDD18
1.8 V Clock Supply.
A7
IOUTN
DAC Negative Output Current.
A8
IOUTP
DAC Positive Output Current.
A12, A13, B12, B13, C12, C13,
D12, D13
AVDD33
3.3 V Analog Supply.
A14
NC
No Connect. Leave floating.
B14
I120
Tie this pin to analog ground with a 10 kΩ resistor to generate a 120 μA reference current.
C1
CLKN
Negative DAC Clock Input (DACCLK).
C14
VREF
Band Gap Voltage Reference I/O. Decouple to analog ground with a 1 nF capacitor.
Output impedance is approximately 5 kΩ.
D1
CLKP
Positive DAC Clock Input (DACCLK).
D14
IPTAT
Factory Test Pin. Output current, proportional to absolute temperature, is
approximately 10 μA at 25°C with a slope of approximately 20 nA/°C.
E11, E12
DVDD18
1.8 V Digital Supply.
G1, G2, G3, G4, G7, G8, G11,
G12, G13, G14
DVDD15
1.5 V Digital Supply.
H1, H2, H3, H4, H7, H8, H11,
H12, H13, H14, J1, J2, J3, J4,
J11, J12, J13, J14
DVSS
Digital Supply Ground.
K1, K2, K3, K4, K11, K12, K13,
K14
DVDD33
3.3 V Digital Supply.
L1
CS
Active Low Chip Select for SPI.
L2, L3, M2, M3, N3, N4, P3, P4
NC
Not Used. Leave unconnected.
L4
P1/PARP
CMOS/LVDS Parity Bit.
L5
D31/D15P
CMOS/LVDS Data Input.
L6
D27/D13P
CMOS/LVDS Data Input.
L7
D23/D11P
CMOS/LVDS Data Input.
L8
D19/D9P
CMOS/LVDS Data Input.
L9
D15/D7P
CMOS/LVDS Data Input.
L10
D11/D5P
CMOS/LVDS Data Input.
L11
D7/D3P
CMOS/LVDS Data Input.
L12
D3/D1P
CMOS/LVDS Data Input.
L13
FSP
Positive LVDS Frame Sync (FSP) for Data Bus.
L14
CMOS_BUS
Active High Input. Configures data bus for CMOS inputs. Low input configures data bus
to accept LVDS inputs.
M1
SCLK
Qualifying Clock for SPI.
M4
P0/PARN
CMOS/LVDS Parity Bit.
M5
D30/D15N
CMOS/LVDS Data Input.
M6
D26/D13N
CMOS/LVDS Data Input.
M7
D22/D11N
CMOS/LVDS Data Input.
M8
D18/D9N
CMOS/LVDS Data Input.
M9
D14/D7N
CMOS/LVDS Data Input.
M10
D10/D5N
CMOS/LVDS Data Input.
M11
D6/D3N
CMOS/LVDS Data Input.
M12
D2/D1N
CMOS/LVDS Data Input.
M13
FSN
Negative LVDS Frame Sync (FSN) for Data Bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com