Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9789BBCZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD9789BBCZ
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 14Page - Analog Devices AD9789BBCZ Datasheet HTML 15Page - Analog Devices AD9789BBCZ Datasheet HTML 16Page - Analog Devices AD9789BBCZ Datasheet HTML 17Page - Analog Devices AD9789BBCZ Datasheet HTML 18Page - Analog Devices AD9789BBCZ Datasheet HTML 19Page - Analog Devices AD9789BBCZ Datasheet HTML 20Page - Analog Devices AD9789BBCZ Datasheet HTML 21Page - Analog Devices AD9789BBCZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 76 page
background image
AD9789
Rev. A | Page 18 of 76
CENTER 840.00MHz
RES BW 30kHz
VBW 300kHz
SPAN 18MHz
SWEEP 58.4ms (601 PTS)
FREQ.
LOWER
UPPER
OFFSET
REF BW
dBc
dBm
dBc
dBm
CARRIER POWER
–21.56dBm/
6.00000MHz
RMS RESULTS
3.375MHz 750.0kHz
–75.37 –96.93
–75.56 –97. 11
6.375MHz 5.250MHz –73.85 –95.41
–72.54 –94.10
ATTEN 2dB
REF –35.91dBm
Figure 42. Zoomed 2-Channel QAM ACLR, fOUT = 840 MHz, Sum Scale = 32,
Full-Scale Current = 25 mA, Span = 18 MHz, Channel 1
CENTER 834.00MHz
RES BW 30kHz
VBW 300kHz
SPAN 42MHz
SWEEP 136.2ms (601 PTS)
ATTEN 2dB
REF –35.96dBm
FREQ.
LOWER
UPPER
OFFSET
REF BW
dBc
dBm
dBc
dBm
CARRIER POWER
–23.63dBm/
6.00000MHz
RMS RESULTS
3.375MHz 750.0kHz
–70.33 –93.96
–11.07 –34.70
6.375MHz 5.250MHz –69.04 –92.67
–0.49
–24.12
12.00MHz 6.000MHz –70.38 –94.01
0.00
–23.63
18.00MHz 6.000MHz –71.02 –94.65
0.43
–23.20
Figure 43. 4-Channel QAM ACLR, fOUT = 840 MHz, Temperature = 25°C,
Sum Scale = 20, Full-Scale Current = 25 mA, Span = 42 MHz, Channel 1
CENTER 852.00MHz
RES BW 30kHz
VBW 300kHz
SPAN 18MHz
SWEEP 58.4ms (601 PTS)
ATTEN 2dB
REF –35.91dBm
FREQ.
LOWER
UPPER
OFFSET
REF BW
dBc
dBm
dBc
dBm
CARRIER POWER
–21.03dBm/
6.00000MHz
RMS RESULTS
3.375MHz 750.0kHz
–75.51 –96.54
–75.17 –96.20
6.375MHz 5.250MHz –72.55 –93.58
–73.90 –94.93
Figure 44. Zoomed 2-Channel QAM ACLR, fOUT = 840 MHz, Sum Scale = 32,
Full-Scale Current = 25 mA, Span = 18 MHz, Channel 2
CENTER 852.00MHz
RES BW 30kHz
VBW 300kHz
SPAN 42MHz
SWEEP 136.2ms (601 PTS)
ATTEN 2dB
REF –35.96dBm
FREQ.
LOWER
UPPER
OFFSET
REF BW
dBc
dBm
dBc
dBm
CARRIER POWER
–23.23dBm/
6.00000MHz
RMS RESULTS
3.375MHz 750.0kHz
–11.10 –34.32
–72.19 –95.42
6.375MHz 5.250MHz –0.75
–23.98
–68.97 –92.20
12.00MHz 6.000MHz –0.59
–23.81
–70.32 –93.55
18.00MHz 6.000MHz –0.35
–23.58
–70.70 –93.93
Figure 45. 4-Channel QAM ACLR, fOUT = 840 MHz, Temperature = 25°C,
Sum Scale = 20, Full-Scale Current = 25 mA, Span = 42 MHz, Channel 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com