Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9789BBCZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9789BBCZ
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 4Page - Analog Devices AD9789BBCZ Datasheet HTML 5Page - Analog Devices AD9789BBCZ Datasheet HTML 6Page - Analog Devices AD9789BBCZ Datasheet HTML 7Page - Analog Devices AD9789BBCZ Datasheet HTML 8Page - Analog Devices AD9789BBCZ Datasheet HTML 9Page - Analog Devices AD9789BBCZ Datasheet HTML 10Page - Analog Devices AD9789BBCZ Datasheet HTML 11Page - Analog Devices AD9789BBCZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
AD9789
Rev. A | Page 8 of 76
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
AVDD33 to AVSS
−0.3 V to +3.6 V
DVDD18 to DVSS
−0.3 V to +1.98 V
DVDD33 to DVSS
−0.3 V to +3.6 V
DVDD15 to DVSS
−0.3 V to +1.98 V
CVDD18 to AVSS
−0.3 V to +1.98 V
AVSS to DVSS
−0.3 V to +0.3 V
CLKP, CLKN to AVSS
−0.3 V to CVDD18 + 0.3 V
FS, DCO to DVSS
−0.3 V to DVDD33 + 0.3 V
CMOS and LVDS Data Inputs
to DVSS
−0.3 V to DVDD33 + 0.3 V
IOUTN, IOUTP to AVSS
−1.0 V to AVDD33 + 0.3 V
I120, VREF, IPTAT to AVSS
−0.3 V to AVDD33 + 0.3 V
IRQ, CS, SCLK, SDO, SDIO, RESET
to DVSS
−0.3 V to DVDD33 + 0.3 V
Junction Temperature
150°C
Storage Temperature Range
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 5. Thermal Resistance
Package
Type
θJA
θJB
θJC
Unit
Notes
25.5
14.4
6.8
°C/W
4-layer board, no vias
24.4
°C/W
4-layer board, 4 PCB vias
19.0
°C/W
8-layer board, 4 PCB vias
164-Ball
CSP_BGA
17.2
°C/W
8-layer board, 16 PCB vias
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com