Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9789BBCZ Datasheet(PDF) 59 Page - Analog Devices

Part # AD9789BBCZ
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ Datasheet(HTML) 59 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 55Page - Analog Devices AD9789BBCZ Datasheet HTML 56Page - Analog Devices AD9789BBCZ Datasheet HTML 57Page - Analog Devices AD9789BBCZ Datasheet HTML 58Page - Analog Devices AD9789BBCZ Datasheet HTML 59Page - Analog Devices AD9789BBCZ Datasheet HTML 60Page - Analog Devices AD9789BBCZ Datasheet HTML 61Page - Analog Devices AD9789BBCZ Datasheet HTML 62Page - Analog Devices AD9789BBCZ Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 76 page
background image
AD9789
Rev. A | Page 59 of 76
Operating the Mu Controller in Auto Mode
The mu controller is enabled via Register 0x33[0]. Enabling the
controller sets in motion the phase search mode. Before enabling
the controller, it is important to turn on both the phase comparator
boost (Register 0x3E[5]) and the mu control duty cycle correction
circuitry (Register 0x30[7]). Both of these functions allow for more
robust operation of the mu controller over the entire operating
speed of the part. The three modes of operation for the mu con-
troller are specified by the MODE[1:0] bits in Register 0x33[5:4]
as follows:
•
Search and track (00) (optimal setting)
•
Track only (01)
•
Search only (10)
The search algorithm begins at a specified mu delay value set using
the MUDLY[8:0] bits, where the LSB is located in Register 0x39[7]
and the MSBs are located in Register 0x3A[7:0]. Even though
there are nine bits of resolution for this delay line value, the
maximum allowable mu delay is 431 (decimal). The optimal
point to begin the search is in the middle of the delay line, or
approximately 216. The initial search algorithm works by sweep-
ing through different mu delay values until the desired phase is
measured; this phase is specified using the MUPHZ[4:0] bits in
Register 0x39[4:0], with the maximum allowable phase being 16.
If values larger than 16 are loaded, the controller will not lock.
When the desired phase is measured, the slope of the phase
measurement is calculated and compared to the desired slope,
which is specified by the SLOPE bit in Register 0x33[6]. For
optimal ac performance, the best setting for the search is a
positive slope and a phase value of 14. If the phase and slope
match the configured values, the search algorithm is finished.
The SEARCH_TOL bit (Register 0x2F[7]) can be used to
specify the accuracy of the search as follows:
•
Not exact (0): can find a phase within two values of the
desired phase
•
Exact (1): finds the exact phase specified (optimal setting)
Figure 118 shows a typical plot of mu phase vs. mu delay line
value at 2.4 GSPS. Starting at the selected mu delay value, the
search direction can be specified via the SEARCH_DIR[1:0]
bits in Register 0x39[6:5]. The three possible choices for the
search are as follows:
•
Down only (00)
•
Up only (01)
•
Alternating up and down (10) (optimal setting)
If the search direction is alternating, the search proceeds in both
directions until a programmable guard band is reached in one
of the directions, specified by the GUARDBAND[4:0] bits in
Register 0x2F[4:0]. When the guard band is reached, the search
continues only in the opposite direction. If the desired phase is
not found before the guard band is reached in the second direc-
tion, the search reverts to the alternating mode and continues
looking within the guard band.
The search fails if the mu delay reaches the endpoints. If the
controller does not find the desired phase during the search, the
TRACK_ERR bit (Register 0x2F[5]) determines the corrective
action as follows:
•
Continue (0): continues to search (optimal setting)
•
Reset (1)
18
16
14
12
10
8
6
4
2
0
0
40
80
120 160 200 240 280 320 360 400 440
MU DELAY
GUARD
BAND
GUARD
BAND
SEARCH STARTING
LOCATION
DESIRED
PHASE
AND
SLOPE
Figure 118. Typical Mu Phase Characteristics @ 2.4 GSPS
To determine whether the search is on the correct slope, the
controller measures the slope by first incrementing and then
decrementing the mu delay value until any of the following
events happens:
•
The phase changes by 2.
•
The phase is equal to 16 (the maximum value).
•
The phase is equal to 0 (the minimum value).
•
The mu delay is 431 (the maximum value).
•
The mu delay is 0 (the minimum value).
After incrementing and then decrementing the mu delay value,
the values of the measured phases are compared to determine
whether the slope matches the desired slope. To consider the
slope valid, the positive direction phase and the negative
direction phase must be on opposite sides of the desired phase.
Examples of valid and invalid phase choices are shown in
Figure 119 and Figure 120.
DESIRED
DESIRED
POSITIVE SLOPE
NEGATIVE SLOPE
10
11
12
13
14
15
9
8
7
6
5
4
Figure 119. Valid Positive and Negative Slope Phase Examples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com