Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9789BBCZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD9789BBCZ
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 23Page - Analog Devices AD9789BBCZ Datasheet HTML 24Page - Analog Devices AD9789BBCZ Datasheet HTML 25Page - Analog Devices AD9789BBCZ Datasheet HTML 26Page - Analog Devices AD9789BBCZ Datasheet HTML 27Page - Analog Devices AD9789BBCZ Datasheet HTML 28Page - Analog Devices AD9789BBCZ Datasheet HTML 29Page - Analog Devices AD9789BBCZ Datasheet HTML 30Page - Analog Devices AD9789BBCZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 76 page
background image
AD9789
Rev. A | Page 27 of 76
SPI REGISTER MAP
Do not write to the following registers unless instructed otherwise: Register 0x34, Register 0x35, Register 0x37, Register 0x3B, Register 0x3F,
or Register 0x40 through Register 0x55.
Table 11. Register Map
Addr
Register Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
De-
fault
0x00
SPI control
SDIO_DIR
LSBFIRST
RESET
LNG_INST
0x18
0x01
Saturation
counter
SATCNT[7:0]
0x00
0x02
Parity counter
PARCNT[7:0]
0x00
0x03
Interrupt enable
PARERR
BISTDONE
PARMSET
PARMCLR
LOCKACQ
LOCKLOST
SATERR
Reserved
0x00
0x04
Interrupt
status/clear
PARERR
BISTDONE
PARMSET
PARMCLR
LOCKACQ
LOCKLOST
SATERR
Reserved
0x00
0x05
Channel enable
Reserved
CHANEN[3:0]
0x00
0x06
Bypass
QAM
SRRC
Reserved
INT[4:0]
0x00
0x07
QAM/SRRC
configuration
Reserved
ALPHA[1:0]
Reserved
MAPPING[2:0]
0x01
0x08
Summing node
scalar
SUMSCALE[7:0]
0x0D
0x09
Input scalar
INSCALE[7:0]
0x20
0x0A
FTW0[7:0]
0x00
0x0B
FTW0[15:8]
0x00
0x0C
NCO 0 frequency
tuning word
FTW0[23:16]
0x00
0x0D
FTW1[7:0]
0x00
0x0E
FTW1[15:8]
0x00
0x0F
NCO 1 frequency
tuning word
FTW1[23:16]
0x00
0x10
FTW2[7:0]
0x00
0x11
FTW2[15:8]
0x00
0x12
NCO 2 frequency
tuning word
FTW2[23:16]
0x00
0x13
FTW3[7:0]
0x00
0x14
FTW3[15:8]
0x00
0x15
NCO 3 frequency
tuning word
FTW3[23:16]
0x00
0x16
Q[7:0]
0x00
0x17
Q[15:8]
0x00
0x18
Rate converter
denominator (Q)
Q[23:16]
0x80
0x19
P[7:0]
0x00
0x1A
P[15:8]
0x00
0x1B
Rate converter
numerator (P)
P[23:16]
0x80
0x1C
FC[7:0]
0x00
0x1D
Interpolating BPF
center frequency
FC[15:8]
0x00
0x1E
Frequency update
FREQNEW
Reserved
0x00
0x1F
Hardware version
Reserved
VER[3:0]
0x03
0x20
Interface
configuration
CMOS_BUS
CMOS_CTRL
Reserved
DCO_INV
IF_MODE
CHANPRI
PAR[1:0]
0xC8
0x21
Data control
BIN
BUSWDTH[1:0]
DATWDTH
CMPLX
LTNCY[2:0]
0x61
0x22
DCO frequency
Reserved
DCODIV[2:0]
ONES[3:0]
0x1F
0x23
Internal clock
phase adjust
DSCPHZ[3:0]
SNCPHZ[3:0]
0x85
0x24
Parameter update
PARMNEW
Reserved
0x00
0x25
Channel 0 gain
CHAN0GAIN[7:0]
0x80
0x26
Channel 1 gain
CHAN1GAIN[7:0]
0x80
0x27
Channel 2 gain
CHAN2GAIN[7:0]
0x80
0x28
Channel 3 gain
CHAN3GAIN[7:0]
0x80
0x29
Spectrum shaping
Reserved
SPEC_INV
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com