Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9789BBCZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD9789BBCZ
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 13Page - Analog Devices AD9789BBCZ Datasheet HTML 14Page - Analog Devices AD9789BBCZ Datasheet HTML 15Page - Analog Devices AD9789BBCZ Datasheet HTML 16Page - Analog Devices AD9789BBCZ Datasheet HTML 17Page - Analog Devices AD9789BBCZ Datasheet HTML 18Page - Analog Devices AD9789BBCZ Datasheet HTML 19Page - Analog Devices AD9789BBCZ Datasheet HTML 20Page - Analog Devices AD9789BBCZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 76 page
background image
AD9789
Rev. A | Page 17 of 76
CENTER 840.00MHz
RES BW 56kHz
VBW 560kHz
SPAN 42MHz
SWEEP 39.12ms (601 PTS)
ATTEN 2dB
REF –32.76dBm
FREQ.
LOWER
UPPER
OFFSET
REF BW
dBc
dBm
dBc
dBm
CARRIER POWER
–18.10dBm/
6.00000MHz
RMS RESULTS
3.375MHz 750.0kHz
–65.57 –83.66
–68.98 –87.07
6.375MHz 5.250MHz –75.01 –93.11
–74.62 –92.71
12.00MHz 6.000MHz –76.83 –94.92
–76.46 –94.55
18.00MHz 6.000MHz –77.17 –95.26
–76.56 –94.66
Figure 38. 1-Channel QAM ACLR, fOUT = 840 MHz, Temperature = 25°C,
Sum Scale = 48, Full-Scale Current = 20 mA, Span = 42 MHz
CENTER 840.00MHz
RES BW 30kHz
VBW 300kHz
SPAN 42MHz
SWEEP 136.2ms (601 PTS)
ATTEN 2dB
REF –35.91dBm
FREQ.
LOWER
UPPER
OFFSET
REF BW
dBc
dBm
dBc
dBm
CARRIER POWER
–21.75dBm/
6.00000MHz
RMS RESULTS
3.375MHz 750.0kHz
–71.64 –93.39
–72.50 –94.25
6.375MHz 5.250MHz –73.71 –95.47
–66.72 –88.47
12.00MHz 6.000MHz –73.58 –95.33
0.50
–21.10
18.00MHz 6.000MHz –73.70 –95.45
–66.72 –88.48
Figure 39. 2-Channel QAM ACLR, fOUT = 840 MHz, Sum Scale = 32,
Full-Scale Current = 25 mA, Span = 42 MHz, Channel 1
CENTER 840.00MHz
RES BW 30kHz
VBW 300kHz
SPAN 18MHz
SWEEP 58.4ms (601 PTS)
ATTEN 2dB
REF –32.76dBm
FREQ.
LOWER
UPPER
OFFSET
REF BW
dBc
dBm
dBc
dBm
CARRIER POWER
–17.98dBm/
6.00000MHz
RMS RESULTS
3.375MHz 750.0kHz
–73.99 –91.97
–74.93 –92.91
6.375MHz 5.250MHz –74.94 –92.92
–75.35 –93.33
Figure 40. 1-Channel QAM ACLR, fOUT = 840 MHz, Temperature = 25°C,
Sum Scale = 48, Full-Scale Current = 20 mA, Span = 18 MHz
START 831.00MHz
RES BW 30kHz
VBW 300kHz
STOP 873MHz
SWEEP 136.2ms (601 PTS)
ATTEN 2dB
REF –35.91dBm
FREQ.
LOWER
UPPER
OFFSET
REF BW
dBc
dBm
dBc
dBm
CARRIER POWER
–21.29dBm/
6.00000MHz
RMS RESULTS
3.375MHz 750.0kHz
–70.07 –92.16
–73.20 –94.49
6.375MHz 5.250MHz –69.05 –90.34
–73.87 –95.16
12.00MHz 6.000MHz
–0.49 –21.78
–73.29 –94.58
18.00MHz 6.000MHz –66.61 –87.90
–73.98 –95.27
Figure 41. 2-Channel QAM ACLR, fOUT = 840 MHz, Sum Scale = 32,
Full-Scale Current = 25 mA, Span = 42 MHz, Channel 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com