Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9789BBCZ Datasheet(PDF) 61 Page - Analog Devices

Part # AD9789BBCZ
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ Datasheet(HTML) 61 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 57Page - Analog Devices AD9789BBCZ Datasheet HTML 58Page - Analog Devices AD9789BBCZ Datasheet HTML 59Page - Analog Devices AD9789BBCZ Datasheet HTML 60Page - Analog Devices AD9789BBCZ Datasheet HTML 61Page - Analog Devices AD9789BBCZ Datasheet HTML 62Page - Analog Devices AD9789BBCZ Datasheet HTML 63Page - Analog Devices AD9789BBCZ Datasheet HTML 64Page - Analog Devices AD9789BBCZ Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 76 page
background image
AD9789
Rev. A | Page 61 of 76
INTERRUPT REQUESTS
Operating the Mu Controller in Manual Mode
The following interrupt (IRQ) requests can be used for additional
information and verification of the status of various functional
blocks:
In manual mode, the user must sweep through all the mu delay
values and record the phase value at each value of MUDLY as
shown in Figure 118. Every time that the MUDLY value is
stepped, the MUSAMP bit must be toggled from low to high
to read the corresponding phase for the specified mu delay line
value. It is not possible to keep read high and continuously read
back the phase value. As with auto mode, the optimal ac perfor-
mance occurs at a positive slope and a phase of 14; therefore,
when the curve is complete, choose the MUDLY value that
corresponds to this condition and write that value to the
MUDLY[8:0] bits (Register 0x39[7] and Register 0x3A).
•
PARERR—triggered when one or more parity errors
occurs on the data bus
•
PARMSET—triggered when PARMNEW is set and
internally registered
•
PARMCLR—triggered when PARMNEW is cleared and
internally registered
•
LOCKACQ—triggered when the mu controller is locked to
the user-defined phase
Calculating Mu Delay Line Step Size
•
LOCKLOST—triggered when the mu controller loses lock
(if the LOCKACQ bit was previously set)
Stepping through all of the mu delay line values and plotting
mu phase vs. mu delay not only allows the user to find the
optimal mu delay value, but can also allow the user to determine
the mu delay line step size. To calculate the step size, take one
full cycle of the mu phase curve and divide the period of the
DAC clock by this delta. From Figure 118, the two transition
points are approximately 56 and 270, providing a delta of approx-
imately 214 steps. Therefore, the mu delay line step size would
be approximately 2 ps/step, as shown in the following equation:
•
SATERR—triggered when one or more saturation errors
occurs
Each IRQ is enabled using the enable bits in the interrupt
enable register, Register 0x03. The status of the IRQ can be
measured in one of the following ways: via the SPI bits found in
the interrupt status/clear register (Register 0x04) or using the
IRQ pin (Pin P2).
If the pin is used to determine that an interrupt has occurred,
it is necessary to check Register 0x04 to determine which bit
caused the interrupt because the pin indicates only that an
interrupt has occurred. To clear an IRQ, it is necessary to write
a 1 to the bit in Register 0x04 that corresponds to the interrupt.
ps
95
.
1
214
GHz
4
.
2
1
=
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
If the mu controller is enabled, this value allows the user to
calculate (in picoseconds) how much drift is in their system
with respect to the DAC clock period over temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com