Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9789BBCZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9789BBCZ
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 2Page - Analog Devices AD9789BBCZ Datasheet HTML 3Page - Analog Devices AD9789BBCZ Datasheet HTML 4Page - Analog Devices AD9789BBCZ Datasheet HTML 5Page - Analog Devices AD9789BBCZ Datasheet HTML 6Page - Analog Devices AD9789BBCZ Datasheet HTML 7Page - Analog Devices AD9789BBCZ Datasheet HTML 8Page - Analog Devices AD9789BBCZ Datasheet HTML 9Page - Analog Devices AD9789BBCZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 76 page
background image
AD9789
Rev. A | Page 6 of 76
Parameter
Min
Typ
Max
Unit
Minimum SCLK to SDIO Hold, tDH
5
ns
Maximum SCLK to Valid SDIO and SDO, tDV
20
ns
Minimum SCLK to Invalid SDIO and SDO, tDNV
5
ns
INPUTS (SDIO, SCLK, CS)
Input Voltage High, VIH
2.0
3.3
V
Input Voltage Low, VIL
0
0.8
V
Input Current High, IIH
−10
+10
μA
Input Current Low, IIL
−10
+10
μA
OUTPUTS (SDO, SDIO)
Output Voltage High, VOH
2.4
3.6
V
Output Voltage Low, VOL
0
0.4
V
Output Current High, IOH
4
mA
Output Current Low, IOL
4
mA
1 See the CMOS Interface Timing section for more information.
2 See the LVDS Interface Timing section for more information.
3 See the Clock Phase Noise Effects on AC Performance section for more information.
AC SPECIFICATIONS
AVDD33 = DVDD33 = 3.3 V, CVDD18 = DVDD18 = 1.8 V, DVDD15 = 1.5 V, fDAC = 2.4 GHz, IFS = 20 mA, digital scale = 0 dBFS, unless
otherwise noted.
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
DAC Update Rate
2400
MSPS
Adjusted DAC Update Rate1
150
MSPS
Output Settling Time (tST)
To 0.025%
13
ns
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fDAC = 2000 MSPS
fOUT = 100 MHz
70
dBc
fOUT = 316 MHz
63
dBc
fOUT = 550 MHz
58
dBc
fDAC = 2400 MSPS
fOUT = 100 MHz
70
dBc
fOUT = 316 MHz
70
dBc
fOUT = 550 MHz
60
dBc
fOUT = 850 MHz
60
dBc
TWO-TONE INTERMODULATION DISTORTION
(IMD)
fOUT2 = fOUT1 + 1.25 MHz
fDAC = 2000 MSPS
fOUT = 100 MHz
86
dBc
fOUT = 316 MHz
73
dBc
fOUT = 550 MHz
62
dBc
fDAC = 2400 MSPS
fOUT = 100 MHz
86
dBc
fOUT = 316 MHz
74
dBc
fOUT = 550 MHz
66
dBc
fOUT = 850 MHz
66
dBc
NOISE SPECTRAL DENSITY (NSD)
1-Channel QAM
fDAC = 2400 MSPS
fOUT = 100 MHz
POUT = −14.5 dBm
−167
dBm/Hz
fOUT = 316 MHz
POUT = −15.5 dBm
−166.5
dBm/Hz
fOUT = 550 MHz
POUT = −18 dBm
−166.5
dBm/Hz
fOUT = 850 MHz
POUT = −18.5 dBm
−166.5
dBm/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com