Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9789BBCZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD9789BBCZ
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 9Page - Analog Devices AD9789BBCZ Datasheet HTML 10Page - Analog Devices AD9789BBCZ Datasheet HTML 11Page - Analog Devices AD9789BBCZ Datasheet HTML 12Page - Analog Devices AD9789BBCZ Datasheet HTML 13Page - Analog Devices AD9789BBCZ Datasheet HTML 14Page - Analog Devices AD9789BBCZ Datasheet HTML 15Page - Analog Devices AD9789BBCZ Datasheet HTML 16Page - Analog Devices AD9789BBCZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
AD9789
Rev. A | Page 13 of 76
90
80
70
60
50
40
30
0
100 200 300 400 500 600 700 800 900 1000 1100
fOUT (MHz)
2.4GHz
2.0GHz
1.6GHz
1.0GHz
Figure 14. Third-Order IMD vs. fOUT over fDAC, Full-Scale Current = 20 mA,
Digital Scale = 0 dBFS, Temperature = 25°C
90
100
80
70
60
50
40
30
0
100 200 300 400 500 600 700 800 900 1000 1100
fOUT (MHz)
32mA
20mA
8mA
Figure 15. Third-Order IMD vs. fOUT over Full-Scale Current, fDAC = 2.4 GHz,
Digital Scale = 0 dBFS, Temperature = 25°C
–155
–157
–159
–161
–163
–165
–167
–169
–171
–173
–175
0
200
400
600
800
1000
1200
fOUT (MHz)
2.4GHz
2.0GHz
1.6GHz
Figure 16. NSD vs. fOUT over fDAC, 1-Channel QAM, Full-Scale Current = 20 mA
90
100
80
70
60
50
40
30
0
100 200 300 400 500 600 700 800 900 1000 1100
fOUT (MHz)
0dBFS
–3dBFS
–6dBFS
–12dBFS
Figure 17. Third-Order IMD vs. fOUT over Digital Full Scale, fDAC = 2.4 GHz,
Full-Scale Current = 20 mA, Temperature = 25°C
90
80
70
60
50
40
30
0
100 200 300 400 500 600 700 800 900 1000 1100
fOUT (MHz)
+85°C
+25°C
–40°C
Figure 18. Third-Order IMD vs. fOUT over Temperature, fDAC = 2.4 GHz,
Full-Scale Current = 20 mA, Digital Scale = 0 dBFS
–155
–157
–159
–161
–163
–165
–167
–169
–171
–173
–175
0
200
400
600
800
1000
1200
fOUT (MHz)
+85°C
+25°C
–40°C
Figure 19. NSD vs. fOUT over Temperature, 1-Channel QAM, fDAC = 2.4 GHz,
Full-Scale Current = 20 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com