Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSMARTMETER Datasheet(PDF) 17 Page - Texas Instruments

Part # COMBOSMARTMETER
Description  Analog Front-End for Power Monitoring, Control, and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSMARTMETER Datasheet(HTML) 17 Page - Texas Instruments

Back Button COMBOSMARTMETER Datasheet HTML 13Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 14Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 15Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 16Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 17Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 18Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 19Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 20Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
+1/2 V
REF
VREF
1/2
Single-Ended Inputs
t
INP
CM Voltage
Differential Inputs
t
INP
INN
CM Voltage
+V
REF
V
REF
Common-Mode Voltage (Differential Mode) =
(INP) + (INN)
2
, Common-Mode Voltage (Single-Ended Mode) =INN
INN = CM Voltage
CM + 1/2 VREF
CM
1/2 VREF
CM
1/2 VREF
CM + 1/2 VREF
Input Range (Differential Mode) = (AINP – AINN) = 2 VREF
a) Single-Ended Input
b) Differential Input
Device
Common
Voltage
1/2 V
REF
to
+1/2 V
REF
Device
V
Peak-to-Peak
REF
V
Peak-to-Peak
REF
Common
Voltage
ADS131E04
ADS131E06
ADS131E08
www.ti.com
SBAS561A – JUNE 2012 – REVISED APRIL 2013
ANALOG INPUT
The ADS131E0x analog input is fully differential. Assuming PGA = 1, the differential input (INP – INN) can span
between –VREF to +VREF. Refer to Table 5 for an explanation of the correlation between the analog input and
digital codes. There are two general methods of driving the ADS131E0x analog input: single-ended or
differential, as shown in Figure 19 and Figure 20, respectively. Note that INP and INN are 180°C out-of-phase in
the differential input method. When the input is single-ended, the INN input is held at the common-mode voltage,
preferably at mid-supply. The INP input swings around the same common voltage and the peak-to-peak
amplitude is (common-mode + 1/2 VREF) and (common-mode – 1/2 VREF). When the input is differential, the
common-mode is given by [(INP + INN) / 2]. Both INP and INN inputs swing from (common-mode + 1/2 VREF to
common-mode – 1/2 VREF). For optimal performance, it is recommended that the ADS131E0x be used in a
differential configuration.
Figure 19. Methods of Driving the ADS131E0x: Single-Ended or Differential
Figure 20. Using the ADS131E0x in Single-Ended and Differential Input Modes
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: ADS131E04 ADS131E06 ADS131E08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com