Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSMARTMETER Datasheet(PDF) 43 Page - Texas Instruments

Part # COMBOSMARTMETER
Description  Analog Front-End for Power Monitoring, Control, and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSMARTMETER Datasheet(HTML) 43 Page - Texas Instruments

Back Button COMBOSMARTMETER Datasheet HTML 39Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 40Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 41Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 42Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 43Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 44Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 45Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 46Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
ADS131E04
ADS131E06
ADS131E08
www.ti.com
SBAS561A – JUNE 2012 – REVISED APRIL 2013
FAULT_STATP: Fault Detect Positive Input Status
Address = 12h
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
IN8P_FAULT
IN7P_FAULT
IN6P_FAULT
IN5P_FAULT
IN4P_FAULT
IN3P_FAULT
IN2P_FAULT
IN1P_FAULT
This register stores the status of whether the positive input on each channel has a fault or not. See the Fault
Detection section for details.
FAULT_STATN: Fault Detect Negative Input Status
Address = 13h
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
IN8N_FAULT
IN7N_FAULT
IN6N_FAULT
IN5N_FAULT
IN4N_FAULT
IN3N_FAULT
IN2N_FAULT
IN1N_FAULT
This register stores the status of whether the negative input on each channel has a fault or not. See the Fault
Detection section for details.
GPIO: General-Purpose IO Register
Address = 14h
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
GPIOD4
GPIOD3
GPIOD2
GPIOD1
GPIOC4
GPIOC3
GPIOC2
GPIOC1
This register controls the action of the three GPIO pins.
Bits[7:4]
GPIOD[4:1]: GPIO data
These bits are used to read and write data to the GPIO ports.
When reading the register, the data returned correspond to the state of the GPIO external pins, whether they are
programmed as inputs or outputs. As outputs, a write to the GPIOD sets the output value. As inputs, a write to the GPIOD
has no effect.
Bits[3:0]
GPIOC[4:1]: GPIO control (corresponding to GPIOD)
These bits determine if the corresponding GPIOD pin is an input or output.
0 = Output
1 = Input (default)
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Links: ADS131E04 ADS131E06 ADS131E08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com