Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSMARTMETER Datasheet(PDF) 8 Page - Texas Instruments

Part # COMBOSMARTMETER
Description  Analog Front-End for Power Monitoring, Control, and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSMARTMETER Datasheet(HTML) 8 Page - Texas Instruments

Back Button COMBOSMARTMETER Datasheet HTML 4Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 5Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 6Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 7Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 8Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 9Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 10Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 11Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
DAISY_IN
DOUT
SCLK
MSB
t
DISCK2ST
MSB
2
1
3
n
n+1
n+2
MSB
LSB
t
DISCK2HT
t
DOST
0
LSB
n+3
1
CS
CLK
DIN
DOUT
2
3
8
1
2
8
3
t
CSSC
t
DIST
t
DIHD
t
DOHD
t
CSH
t
DOST
t
SCLK
t
SPWH
t
SPWL
t
SDECODE
t
SCCS
Hi-Z
t
CSDOZ
t
CSDOD
Hi-Z
t
CLK
SCLK
ADS131E04
ADS131E06
ADS131E08
SBAS561A – JUNE 2012 – REVISED APRIL 2013
www.ti.com
TIMING CHARACTERISTICS
NOTE: SPI settings are CPOL = 0 and CPHA = 1.
Figure 1. Serial Interface Timing
(1) n = Number of channels × resolution + 24 bits. Number of channels is 4, 6, or 8; resolution is 16-bit or 24-bit.
Figure 2. Daisy-Chain Interface Timing
Timing Requirements For Figure 1 and Figure 2(1)
2.7 V
≤ DVDD ≤ 3.6 V
1.7 V
≤ DVDD ≤ 2.0 V
PARAMETER
DESCRIPTION
MIN
MAX
MIN
MAX
UNIT
tCLK
Master clock period
444
588
444
588
ns
tCSSC
CS low to first SCLK: setup time
6
17
ns
tSCLK
SCLK period
50
66.6
ns
tSPWH, L
SCLK pulse width, high and low
15
25
ns
tDIST
DIN valid to SCLK falling edge: setup time
10
10
ns
tDIHD
Valid DIN after SCLK falling edge: hold time
10
11
ns
tDOHD
SCLK falling edge to invalid DOUT: hold time
10
10
ns
tDOST
SCLK rising edge to DOUT valid: setup time
17
32
ns
tCSH
CS high pulse
2
2
tCLKs
tCSDOD
CS low to DOUT driven
10
20
ns
tSCCS
Eighth SCLK falling edge to CS high
4
4
tCLKs
tSDECODE
Command decode time
4
4
tCLKs
tCSDOZ
CS high to DOUT Hi-Z
10
20
ns
tDISCK2ST
Valid DAISY_IN to SCLK rising edge: setup time
10
10
ns
tDISCK2HT
Valid DAISY_IN after SCLK rising edge: hold time
10
10
ns
(1)
Specifications apply from –40°C to +105°C, unless otherwise noted. Load on DOUT = 20 pF || 100 k
Ω.
8
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: ADS131E04 ADS131E06 ADS131E08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com