Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSMARTMETER Datasheet(PDF) 13 Page - Texas Instruments

Part # COMBOSMARTMETER
Description  Analog Front-End for Power Monitoring, Control, and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSMARTMETER Datasheet(HTML) 13 Page - Texas Instruments

Back Button COMBOSMARTMETER Datasheet HTML 9Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 10Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 11Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 12Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 13Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 14Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 15Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 16Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
2.392
2.394
2.396
2.398
2.400
2.402
2.404
2.406
±40
±15
10
35
60
85
110
Temperature (
ƒC)
C001
ADS131E04
ADS131E06
ADS131E08
www.ti.com
SBAS561A – JUNE 2012 – REVISED APRIL 2013
TYPICAL CHARACTERISTICS (continued)
All plots are at TA = +25°C, AVDD = 3 V, AVSS = 0 V, DVDD = 1.8 V, internal VREFP = 2.4 V, VREFN = AVSS, external
clock = 2.048 MHz, data rate = 8 kSPS, and gain = 1, unless otherwise noted.
INTERNAL VREF vs TEMPERATURE
Figure 15.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADS131E04 ADS131E06 ADS131E08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com